Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F019 Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 82Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 175 page
background image
Rev. 1.00
80
De�e��e� 01� �01�
Rev. 1.00
81
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
IftheCCRAbitsareallzero,thecounterwilloverflowwhenitsreachesitsmaximum16-bit,FFFF
Hex,value,howeverheretheSTMAFinterruptrequestflagwillnotbegenerated.
Asthenameofthemodesuggests,afteracomparisonismade,theSTMoutputpin,willchange
state.TheSTMoutputpinconditionhoweveronlychangesstatewhenaSTMAFinterruptrequest
flagisgeneratedafteracomparematchoccursfromComparatorA.TheSTMPFinterruptrequest
flag,generatedfromacomparematchoccursfromComparatorP,willhavenoeffectontheSTM
outputpin.ThewayinwhichtheSTMoutputpinchangesstatearedeterminedbytheconditionof
theSTIO1andSTIO0bitsintheSTMC1register.TheSTMoutputpincanbeselectedusingthe
STIO1andSTIO0bitstogohigh,togolowortotogglefromitspresentconditionwhenacompare
matchoccursfromComparatorA.TheinitialconditionoftheSTMoutputpin,whichissetupafter
theSTONbitchangesfromlowtohigh,issetupusingtheSTOCbit.NotethatiftheSTIO1and
STIO0bitsarezerothennopinchangewilltakeplace.
Counte� Value
0xFFFF
CCRP
CCRA
STON
STPAU
STPOL
CCRP Int. flag
STMPF
CCRA Int. flag
STMAF
STM O/P Pin
Ti�e
CCRP=0
CCRP > 0
Counte� ove�flow
CCRP > 0
Counte� �lea�ed �y CCRP value
Pause
Resu�e
Stop
Counte�
Resta�t
STCCLR = 0; STM [1:0] = 00
Output pin set
to initial Level
Low if STOC=0
Output Toggle
with STMAF flag
Note STIO [1:0] = 10
A�tive High Output sele�t
He�e STIO [1:0] = 11
Toggle Output sele�t
Output not affe�ted �y
STMAF flag. Re�ains High
until �eset �y STON �it
Output Pin
Reset to Initial value
Output �ont�olled �y
othe� pin-sha�ed fun�tion
Output Inve�ts
when STPOL is high
Compare Match Output Mode – STCCLR = 0
Notes:1.WithSTCCLR=0,aComparatorPmatchwillclearthecounter
2.TheSTMoutputpiniscontrolledonlybytheSTMAFflag
3.TheoutputpinisresettoitsinitialstatebyaSTONbitrisingedge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com