Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2240 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 35Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 36Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 37Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 38Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 39Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 40Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 41Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 42Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 147 page
background image
Rev. 1.10
�9 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
■
Security Type 2
Take the HT85F2240 as an example, its inhibit bytes SECURITY2[0:3] are located at the
addresses 0x10~0x0B of the ID block page 0. If a value, with the exception of 0FFH, is written
to SECURITY2[N], this sector can not be programmed, erased or read when in any mode.
The following table illustrates the protection state in the OCDS/ICP/IAP/MOVC modes when
the SECURITY2[0:3] bytes are written with a value other than 0FFH:
SECURITY2[N]
N=0~3
Program
Erase
Read
Protect
Sector #
Remove
Protection
ICP
X
X
N/A(1)
N
Erase A��
IAP
OCDS(�)
X(�)
X
X(4)
N
Erase A��
Main Program
X(�)
X
X(4)
N
Erase A��
M
O
V
C
OCDS(�)
N/A(�)
X(4)
N
Erase A��
Main Program
N/A(�)
X(4)
N
Erase A��
Note: (1) “N/A” means no path to read ROM code.
(�) “N/A” means witho�t this f�nction.
(�) “X” stands for inhibited; “O” stands for enab�ed.
(4) If a read operation is inhibited, reading to the Flash will return a fixed Flash code of 00H.
(�) In the OCDS mode� on�� when exec�ting the OCDSINSTR instr�ction wi�� the sectors be
protected.
The following tables illustrate the corresponding address ID sectors and the inhibited bytes.
HT85F2240 Program Memory Contents
The HT85F2240 program memory is divided into 4 sectors, each with a capacity of 1k bytes.
Page
Address
Description
0
0x00~0x0�
SECURITY1[0]~ SECURITY1[�]
0x04~0x07
Not �sed
0x08~0x0B
SECURITY�[0]~ SECURITY�[�]
0x0C~0x0F
Not �sed
0x10~0x1F
Reserved
1
0x�0~0x�F
Reserved
0x�0~0x�F
Reserved
HT85F2230 Program Memory Contents
The HT85F2230 program memory is divided into 2 sectors, each with a capacity of 1k bytes.
Page
Address
Description
0
0x00~0x01
SECURITY1[0]~ SECURITY1[1]
0x0�~0x07
Not �sed
0x08~0x09
SECURITY�[0]~ SECURITY�[1]
0x0A~0x0F
Not �sed
0x10~0x1F
Reserved
1
0x�0~0x�F
Reserved
0x�0~0x�F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com