Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2240 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 9Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 10Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 11Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 12Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 13Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 14Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 15Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 16Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 147 page
background image
Rev. 1.10
1� of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
2 General Description
The HT85F2230 and HT85F2240 are A/D Flash type low pin count 1-T architecture 8051 based
microcontrollers. These devices are designed for general use, however in having an internal A/D
converter, they can directly interface to analog signals, such as those from sensors. Offering users
the convenience of Flash Memory multi-programming features, these devices also include a wide
range of functions and features.
The device’s main features include a multi-channel 12-bit A/D Converter and multiple timers which
provide timing, capture, event counting and programmable clock output functions. Protective
features such as an internal Watchdog Timer, Low Voltage Reset and Low Voltage Detector and
excellent noise immunity and ESD protection ensure that reliable operation is maintained in hostile
electrical environments.
A full choice of external and internal low and high speed oscillator functions are provided with
the internal oscillators requiring no external components for their implementation. The ability to
operate and switch dynamically between a range of operating modes using different clock sources
gives users the ability to optimise microcontroller operation and minimise power consumption.
The inclusion of flexible I/O programming features and Time-Base function along with many
other features ensure that the devices will find excellent use in applications such as sensor signal
processing, motor driving, industrial control, consumer products and subsystem controllers in
addition to many others.
As these MCUs are Flash memory type devices, they offer offer the advantages of easy and
effective in-circuit program updates. In addition, an EV chip, in the form of the HT85V2240
device, with its OCDS (On-Chip Debug Support) interface, is supplied for full in-circuit emulation
purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com