Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2240 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 4Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 5Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 6Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 7Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 8Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 9Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 10Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 11Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 147 page
background image
Rev. 1.10
8 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
IEN1 Register .......................................................................................................................................... 81
IEN� Register ......................................................................................................................................... 8�
IEN� Register .......................................................................................................................................... 8�
IRCON Register....................................................................................................................................... 8�
T�CON Register ..................................................................................................................................... 84
IRCON� Register..................................................................................................................................... 84
TCON Register ....................................................................................................................................... 8�
Low b�te of Interr�pt Priorit� Register 0: IP0 .......................................................................................... 88
High b�te of Interr�pt Priorit� Register 0: IP0H........................................................................................ 88
Low b�te of Interr�pt Priorit� Register 1: IP1 .......................................................................................... 89
High b�te of Interr�pt Priorit� Register 1: IP1H ....................................................................................... 89
Low b�te of Interr�pt Priorit� Register �: IP� .......................................................................................... 89
High b�te of Interr�pt Priorit� Register �: IP�H ....................................................................................... 90
Low b�te of Interr�pt Priorit� Register �: IP� .......................................................................................... 90
How b�te of Interr�pt Priorit� Register �: IP�H ....................................................................................... 90
Externa� Interr�pt Trigger T�pe ................................................................................................................ 91
TBCR Register......................................................................................................................................... 9�
I/O Port F�nction S�mmar� ..................................................................................................................... 9�
I/O Register List ....................................................................................................................................... 96
P0 Register .............................................................................................................................................. 96
P1 Register .............................................................................................................................................. 96
P� Register .............................................................................................................................................. 97
P0M0 Register ......................................................................................................................................... 97
P0M1 Register ......................................................................................................................................... 97
P1M0 Register ......................................................................................................................................... 98
P1M1 Register ......................................................................................................................................... 98
P�M0 Register ......................................................................................................................................... 98
P�M1 Register ......................................................................................................................................... 98
P�M0 Register ......................................................................................................................................... 98
P�M1 Register ......................................................................................................................................... 98
P0WAKE Register.................................................................................................................................... 99
SRCR Register ...................................................................................................................................... 100
PRM Register ........................................................................................................................................ 100
Timer F�nction S�mmar�....................................................................................................................... 104
Timer0/Timer1 Register List................................................................................................................... 10�
TL0 Register ......................................................................................................................................... 106
TH0 Register ......................................................................................................................................... 106
TL1 Register ......................................................................................................................................... 107
TH1 Register ......................................................................................................................................... 107
TMOD Register...................................................................................................................................... 108
TCON Register ..................................................................................................................................... 109
TMPRE Register.....................................................................................................................................110
1�-bit Co�nter Data ................................................................................................................................110
Timer � with PCA Mod��es Operating Modes S�mmar�.........................................................................114
Timer � with PCA Mod��es I/O Pins........................................................................................................114
Timer � Register List...............................................................................................................................117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com