Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2262 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT85F2262
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2262 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT85F2262 Datasheet HTML 35Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 36Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 37Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 38Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 39Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 40Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 41Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 42Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 187 page
background image
Rev. 1.10
�9 of 187
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2250/HT85F2262
Page Erase Operation
The Flash Memory must be first unlocked before implementing a page erase procedure. The
flash memory address is setup using the control registers, FMAR0, FMAR1 and FMAR2. The
Flash Memory Page Erase function is selected by the control bit, FMCR.2, in the FMCR register.
Setting the FMCR.7 bit high will start the Page Erase procedure. When the procedure has finished,
the MCU will continue to run automatically. The following flowchart illustrates the Page Erase
procedure.
START
END
Write FMAR�
Write FMAR1
Write FMAR0
MCU waits for page-erasing finished.
Then MCU contin�es to r�n.
F�ash memor� contro��er m�st be
In �n�ocked state
FMCR Bit � = 1
This wi�� trigger page-erasing action
FMCR Bit 7 = 1
Check FMSR Bit 1 = 1
Yes
No
Page Erase Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com