Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2262 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT85F2262
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2262 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT85F2262 Datasheet HTML 33Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 34Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 35Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 36Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 37Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 38Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 39Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 40Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 187 page
background image
Rev. 1.10
�7 of 187
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2250/HT85F2262
FMKEY Register – Flash Program Memory Unlock Key Data Register
SFR Address: F9h
Bit
7
6
5
4
3
2
1
0
Name
FMKEY7
FMKEY6
FMKEY�
FMKEY4
FMKEY�
FMKEY � FMKEY 1 FMKEY 0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
Flash Memory Unlock Key Data register Unlock Data bits 7~bit 0
The FMKEY register is the Flash Memory Unlock key data register. If a correct key
data sequence has been written into this register, the Flash memory will release its
locked status; otherwise, the Flash memory will remain in its locked status. The correct
sequence to be written is 55H, AAH, 00H and then FFH. It is recommended to write
the key data sequence to the FMKEY register in four consecutive instructions. When
the program memory is in an unlocked status, writing any data to the FMKEY register
will result in the program memory being locked again. If there is no need to update the
program memory, it’s strongly recommended to lock the program memory at all times.
FMSR Register – Flash Program Memory Status Register
SFR Address: E2h
Bit
7
6
5
4
3
2
1
0
Name
UNLOCK
—
—
—
FMPF
FMSEF
FMBF
FMBUSY
R/W
R
—
—
—
R
R
R
R
POR
0
—
—
—
0
0
0
0
Bit 7
UNLOCK: Flash Memory Controller Unlock flag
0: Indicated Flash Memory Controller is locked
1: Indicated Flash Memory Controller is unlocked
Bit 6~4
Unimplemented, read as “0”
Bit 3
FMPF: Flash Memory Controller Procedure flag
0: The Flash Memory Controller Procedure Flag is cleared to 0 if FMSEF=1, or if
FMBF=1 or if the IAP Procedure has ended.
1: Flash Memory Controller Procedure is corrected
Bit 2
FMSEF: Flash Memory Controller Security Error Flag
0: Manipulation of Flash Memory does not violate the security rule
1: Manipulation of Flash Memory violates the security rule
After a flash memory manipulation, this bit must be checked to determine if the Flash
Memory manipulation has violated the security rule or not. The security rule means
to write a FFH value to SECURITY1[N] or SECURITY2[N] to set the sector N in the
unprotected mode before a flash memory manipulation. Otherwise, the manipulation
violates the security rule and the FMSEF flag will be set.
Bit 1
FMBF: Flash Memory Controller Break Flag
0: Manipulation of Flash Memory does not violate the security rules or lock rules or
FMCR mode change
1: Manipulation of Flash Memory violates the security rules or lock rules or FMCR
mode change
Bit 0
FMBUSY: Flash Memory Controller Status indication bit
0: Not erasing or rewriting
1: Busy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com