Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2262 Datasheet(PDF) 92 Page - Holtek Semiconductor Inc

Part # HT85F2262
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2262 Datasheet(HTML) 92 Page - Holtek Semiconductor Inc

Back Button HT85F2262 Datasheet HTML 88Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 89Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 90Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 91Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 92Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 93Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 94Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 95Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 96Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 187 page
background image
Rev. 1.10
9� of 187
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2250/HT85F2262
TCON Register
SFR Address: 88h
Bit
7
6
5
4
3
2
1
0
Name
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
TF1: Timer 1 interrupt request flag
0: No request
1: Interrupt request
This bit will be cleared by hardware automatically when the interrupt is processed.
Bit 6
TR1: Timer 1 Run control
Described elsewhere
Bit 5
TF0: Timer 0 interrupt request flag
0: No request
1: Interrupt request
This bit will be cleared by hardware automatically when the interrupt is processed.
Bit 4
TR0: Timer 0 Run control
Described elsewhere
Bit 3
IE1: External interrupt 1 request flag
0: No request
1: Interrupt request
This bit is set by hardware when the external interrupt INT1 (edge, depending on
settings) is observed. This bit will be cleared by hardware when the interrupt is
processed.
When the external interrupt INT1 (level, depending on settings) is observed, IE1 is the
inverse level of the INT1.
Bit 2
IT1: External interrupt 1 type control
0: Low Level
1: Falling Edge
Bit 1
IE0: External interrupt 0 request flag
0: No request
1: Interrupt request
This bit is set by hardware when the external interrupt INT0 (edge, depending on
settings) is observed. This bit will be cleared by hardware when the interrupt is
processed.
When the external interrupt INT0 (level, depending on settings) is observed, IE0 is the
inverse level of the INT0.
Bit 0
IT0: External interrupt 0 type control
0: Low Level
1: Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com