Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL201GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RL201GP
Description  2 Amp Glass Passivated Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RL201GP Datasheet(HTML) 1 Page - Micro Commercial Components

  RL201GP Datasheet HTML 1Page - Micro Commercial Components RL201GP Datasheet HTML 2Page - Micro Commercial Components RL201GP Datasheet HTML 3Page - Micro Commercial Components RL201GP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RL201GP
THRU
RL207GP
2 Amp Glass
Passivated Rectifier
50 to 1000 Volts
Features
•
Low Leakage
•
Low Forward Voltage Drop
•
High Current Capability
•
Glass Passivated Junction
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Typical Thermal Resistance (RθJA) 50°C/W
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
RL201GP
50V
35V
50V
RL202GP
100V
70V
100V
RL203GP
200V
140V
200V
RL204GP
400V
280V
400V
RL205GP
600V
420V
600V
RL206GP
800V
560V
800V
RL207GP
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2 A
TA = 75
°C
Peak Forward Surge
Current
IFSM
70A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 2.0A*;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TA = 25
°C
TA = 100
°C
Typical Junction
Capacitance
CJ
20pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-15
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
C
20
17/05/23
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7
a
RL201GP
RL202GP
RL203GP
RL205GP
RL204GP
RL207GP
RL206GP
www.mccsemi.com
1 of 4
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R


Similar Part No. - RL201GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RL201GP MCC-RL201GP Datasheet
83Kb / 3P
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
RL201GP CHENYI-RL201GP Datasheet
51Kb / 3P
2Amp glass passivated rectifier 50to1000 volts
logo
Micro Commercial Compon...
RL201GP MCC-RL201GP Datasheet
193Kb / 4P
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Chenmko Enterprise Co. ...
RL201GPT CHENMKO-RL201GPT Datasheet
84Kb / 2P
JUNCTION PLASTIC RECTIFIER
logo
Micro Commercial Compon...
RL201GP MCC-RL201GP_11 Datasheet
193Kb / 4P
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - RL201GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP Datasheet
80Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP Datasheet
80Kb / 3P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
RL201GP MCC-RL201GP Datasheet
83Kb / 3P
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
KBP2005G MCC-KBP2005G Datasheet
104Kb / 3P
2 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_11 Datasheet
448Kb / 4P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
RL201GP MCC-RL201GP_11 Datasheet
193Kb / 4P
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
S3AB MCC-S3AB Datasheet
698Kb / 3P
3.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
KBP2005G MCC-KBP2005G_18 Datasheet
403Kb / 3P
2 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
UD2KB05 MCC-UD2KB05_17 Datasheet
312Kb / 3P
2 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com