Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBWW-FSC Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # MBWW-FSC
Description  PrimaxPlus
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MBWW-FSC Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  MBWW-FSC Datasheet HTML 1Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 2Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 3Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 4Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 5Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 6Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 7Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 8Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
17/05/2017 V7.0
4
DOMINANT
Opto Technologies
Innovating Illumination
TM
MBWW-FSC, Color Grouping Appx. 2.1
175 InGaN White: MBWW-FSC
Bin
0A
0R
1A
1R
2A
2R
3A
3R
0B
0S
1B
1S
0.2950
0.2970
0.2980
0.2880
0.3048
0.3207
0.3068
0.3113
0.3215
0.3350
0.3222
0.3243
0.3371
0.3490
0.3366
0.3369
0.2920
0.3060
0.2895
0.3135
0.3028
0.3304
0.3005
0.3415
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.2920
0.3060
0.2950
0.2970
0.3130
0.3290
0.3144
0.3186
0.3290
0.3417
0.3290
0.3300
0.3451
0.3554
0.3440
0.3428
0.2895
0.3135
0.2870
0.3210
0.3115
0.3391
0.3099
0.3509
0.2984
0.3133
0.3009
0.3042
0.3144
0.3186
0.3161
0.3059
0.3290
0.3300
0.3290
0.3180
0.3440
0.3427
0.3429
0.3307
0.2962
0.3220
0.2937
0.3312
0.3130
0.3290
0.3115
0.3391
0.3009
0.3042
0.3037
0.2937
0.3068
0.3113
0.3093
0.2993
0.3222
0.3243
0.3231
0.3120
0.3366
0.3369
0.3361
0.3245
0.2984
0.3133
0.2962
0.3220
0.3048
0.3207
0.3028
0.3304
1
2
3
4
Color Bin Structure
12345
0A
Cx
0.2950
0.2920
0.2984
0.3009
0.2950
Cy
0.2970
0.3060
0.3133
0.3042
0.2970
0R
Cx
0.2980
0.2950
0.3009
0.3037
0.2980
Cy
0.2880
0.2970
0.3042
0.2937
0.2880
1A
Cx
0.3048
0.3130
0.3144
0.3068
0.3048
Cy
0.3207
0.3290
0.3186
0.3113
0.3207
1R
Cx
0.3068
0.3144
0.3161
0.3093
0.3068
Cy
0.3113
0.3186
0.3059
0.2993
0.3113
2A
Cx
0.3215
0.3290
0.3290
0.3222
0.3215
Cy
0.3350
0.3417
0.3300
0.3243
0.3350
2R
Cx
0.3222
0.3290
0.3290
0.3231
0.3222
Cy
0.3243
0.3300
0.3180
0.3120
0.3243
3A
Cx
0.3371
0.3451
0.3440
0.3366
0.3371
Cy
0.3490
0.3554
0.3427
0.3369
0.3490
3R
Cx
0.3366
0.3440
0.3429
0.3361
0.3366
Cy
0.3369
0.3428
0.3307
0.3245
0.3369
0B
Cx
0.2920
0.2895
0.2962
0.2984
0.2920
Cy
0.3060
0.3135
0.3220
0.3133
0.3060
0S
Cx
0.2895
0.2870
0.2937
0.2962
0.2895
Cy
0.3135
0.3210
0.3312
0.3220
0.3135
1B
Cx
0.3028
0.3115
0.3130
0.3048
0.3028
Cy
0.3304
0.3391
0.3290
0.3207
0.3304
1S
Cx
0.3005
0.3099
0.3115
0.3028
0.3005
Cy
0.3415
0.3509
0.3391
0.3304
0.3415
2B
Cx
0.3207
0.3290
0.3290
0.3215
0.3207
Cy
0.3462
0.3538
0.3417
0.3350
0.3462
2S
Cx
0.3196
0.3290
0.3290
0.3207
0.3196
Cy
0.3602
0.3690
0.3538
0.3462
0.3602
3B
Cx
0.3376
0.3463
0.3451
0.3371
0.3376
Cy
0.3616
0.3687
0.3554
0.3490
0.3616
3S
Cx
0.3381
0.3480
0.3463
0.3376
0.3381
Cy
0.3762
0.3840
0.3687
0.3616
0.3762
0C
Cx
0.2984
0.2962
0.3028
0.3048
0.2984
Cy
0.3133
0.3220
0.3304
0.3207
0.3133
0T
Cx
0.2962
0.2937
0.3005
0.3028
0.2962
Cy
0.3220
0.3312
0.3415
0.3304
0.3220
1C
Cx
0.3115
0.3205
0.3213
0.3130
0.3115
Cy
0.3391
0.3481
0.3373
0.3290
0.3391
1T
Cx
0 3099
0 3196
0 3205
0 3115
0 3099
0.2800
0.2900
0.3000
0.3100
0.3200
0.3300
0.3400
0.3500
0.3600
0.3700
0.3800
0.3900
0.4000
0.2800
0.2900
0.3000
0.3100
0.3200
0.3300
0.3400
0.3500
0.3600
0S
0B
0A
0R
0T
0C
0D
0U
1S
1B
1A
1R
1T
1C
1D
1U
2S
2B
2A
2R
2T
2C
2D
2U
3S
3B
3A
3R
6500K
5700K
5000K
3T
3C
3D
3U
8000K
BBL
1T
Cx
0.3099
0.3196
0.3205
0.3115
0.3099
Cy
0.3509
0.3602
0.3481
0.3391
0.3509
2C
Cx
0.3290
0.3376
0.3371
0.3290
0.3290
Cy
0.3538
0.3616
0.3490
0.3417
0.3538
2T
Cx
0.3290
0.3381
0.3376
0.3290
0.3290
Cy
0.3690
0.3762
0.3616
0.3538
0.3690
3C
Cx
0.3463
0.3551
0.3533
0.3451
0.3463
Cy
0.3687
0.3760
0.3620
0.3554
0.3687
3T
Cx
0.3480
0.3571
0.3551
0.3463
0.3480
Cy
0.3840
0.3907
0.3760
0.3687
0.3840
0D
Cx
0.2984
0.3048
0.3068
0.3009
0.2984
Cy
0.3133
0.3207
0.3113
0.3042
0.3133
0U
Cx
0.3037
0.3009
0.3068
0.3093
0.3037
Cy
0.2937
0.3042
0.3113
0.2993
0.2937
1D
Cx
0.3130
0.3213
0.3221
0.3144
0.3130
Cy
0.3290
0.3373
0.3261
0.3186
0.3290
1U
Cx
0.3144
0.3221
0.3231
0.3161
0.3144
Cy
0.3186
0.3261
0.3120
0.3059
0.3186
2D
Cx
0.3290
0.3371
0.3366
0.3290
0.3290
Cy
0.3417
0.3490
0.3369
0.3300
0.3417
2U
Cx
0.3290
0.3366
0.3361
0.3290
0.3290
Cy
0.3300
0.3369
0.3245
0.3180
0.3300
3D
Cx
0.3451
0.3533
0.3515
0.3440
0.3451
Cy
0.3554
0.3620
0.3487
0.3427
0.3554
3U
Cx
0.3440
0.3515
0.3495
0.3429
0.3440
Cy
0.3428
0.3487
0.3339
0.3307
0.3428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com