Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBWW-FSC Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # MBWW-FSC
Description  PrimaxPlus
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MBWW-FSC Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  MBWW-FSC Datasheet HTML 1Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 2Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 3Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 4Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 5Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 6Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 7Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 8Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
17/05/2017 V7.0
5
DOMINANT
Opto Technologies
Innovating Illumination
TM
175 InGaN White: MBWW-FSC
Bin
2B
2S
3B
3S
0C
0T
1C
1T
2C
2T
3C
3T
0D
0U
1D
1U
2D
2U
3D
3U
0.3207
0.3462
0.3196
0.3602
0.3376
0.3616
0.3381
0.3762
0.2984
0.3133
0.2962
0.3220
0.3115
0.3391
0.3099
0.3509
0.3290
0.3538
0.3290
0.3690
0.3463
0.3687
0.3480
0.3840
0.2984
0.3133
0.3037
0.2937
0.3130
0.3290
0.3144
0.3186
0.3290
0.3417
0.3290
0.3300
0.3451
0.3554
0.3440
0.3428
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.3290
0.3538
0.3290
0.3690
0.3463
0.3687
0.3480
0.3840
0.2962
0.3220
0.2937
0.3312
0.3205
0.3481
0.3196
0.3602
0.3376
0.3616
0.3381
0.3762
0.3551
0.3760
0.3571
0.3907
0.3048
0.3207
0.3009
0.3042
0.3213
0.3373
0.3221
0.3261
0.3371
0.3490
0.3366
0.3369
0.3533
0.3620
0.3515
0.3487
0.3290
0.3417
0.3290
0.3538
0.3451
0.3554
0.3463
0.3687
0.3028
0.3304
0.3005
0.3415
0.3213
0.3373
0.3205
0.3481
0.3371
0.3490
0.3376
0.3616
0.3533
0.3620
0.3551
0.3760
0.3068
0.3113
0.3068
0.3113
0.3221
0.3261
0.3231
0.3120
0.3366
0.3369
0.3361
0.3245
0.3515
0.3487
0.3495
0.3339
0.3215
0.3350
0.3207
0.3462
0.3371
0.3490
0.3376
0.3616
0.3048
0.3207
0.3028
0.3304
0.3130
0.3290
0.3115
0.3391
0.3290
0.3417
0.3290
0.3538
0.3451
0.3554
0.3463
0.3687
0.3009
0.3042
0.3093
0.2993
0.3144
0.3186
0.3161
0.3059
0.3290
0.3300
0.3290
0.3180
0.3440
0.3427
0.3429
0.3307
1
2
3
4
InGaN wavelength is very sensitive to drive current. Operating at lower current is not recommended and may yield unpredictable
performance current pulsing should be used for dimming purposed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com