Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBWW-FSC Datasheet(PDF) 8 Page - DOMINANT Semiconductors

Part # MBWW-FSC
Description  PrimaxPlus
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MBWW-FSC Datasheet(HTML) 8 Page - DOMINANT Semiconductors

Back Button MBWW-FSC Datasheet HTML 4Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 5Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 6Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 7Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 8Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 9Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 10Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 11Page - DOMINANT Semiconductors MBWW-FSC Datasheet HTML 12Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
17/05/2017 V7.0
8
PrimaxPlus • 175 InGaN White: MBWW-FSC Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic
Silicone Resin
Ag Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note: This product is Pb free
175 InGaN White: MBWW-FSC
14/06/2016 V3.0
8
PrimaxPlus • 180 InGaN White: MBWW-KZHG Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Au Plating
High Temperature Resistant Plastic
Silicone Resin
Au Plating
Note: This product is Pb free
180 InGaN White: MBWW-KZHG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note : Primary thermal path is through Cathode lead of LED package.
12/10/2016 V3.0
7
PrimaxPlus • 350 InGaN Yellow: MAZY-YZHG Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Au Plating
High Temperature Resistant Plastic
Silicone
Au Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note: This product is Pb free
350 InGaN Yellow: MAZY-YZHG
Note : Primary thermal path is through Cathode lead of LED package.
DOMINANT Opto Technologies
09/05/14
PrimaxPlus 350 InGaN White MAW-YZHG -pv3.docx
Page 1 of 9
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Super high brightness surface mount LED for automotive applications.
120 viewing angle.
Compact package outline (LxW) of 3.7 x 3.5 mm.
Ultra low height profile – 0.8 mm.
Low thermal resistance;
Superior corrosion robustness.
Compatible to IR reflow soldering.
PrimaxPlus 350mA White: MAW-YZHG
31/05/2013 V1.0
7
Primax • 175 InGaN White: MBWW-FSC Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic
Silicone Resin
Ag Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note: This product is Pb free
175 InGaN White: MBWW-FSC
18/04/2016 V1.0
8
PrimaxPlus 100 InGaN White: PQW-SSG Package Outlines
InGaN White: PQW-SSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic
Silicone Resin
Sn Plating
Note: This product is Pb free
DOMINANT Opto Technologies
24/09/13
PrimaxPlus 100 InGaN Warm White MAF-PSC -pv3.docx
Page 1 of 14
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Super high brightness surface mount LED.
120 viewing angle.
Compact package outline (LxW) of 3.7 x 3.5 mm.
Ultra low height profile – 0.8 mm.
Low thermal resistance.
Compatible to IR reflow soldering.
PrimaxPlus 100mA Warm White: MAF-PSC
Note : Primary thermal path is through Cathode lead of LED package
InGaN Warm White: DDF-LJG
08/12/2016 V7.0
10
DomiLED • InGaN Warm White: DDF-LJG Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic, PPA
Silicone Resin
Sn-Sn Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note : Primary thermal path is through Cathode lead of LED package.
07/07/2011 V4.0
6
SPNovaTM • InGaN White : NPW-RSZ Package Outlines
InGaN White : NPW-RSZ
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic, PPA
Silicone Resin
Sn-Sn Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
12/10/2016 V3.0
7
PrimaxPlus • 350 InGaN Yellow: MAZY-YZHG Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Au Plating
High Temperature Resistant Plastic
Silicone
Au Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note: This product is Pb free
350 InGaN Yellow: MAZY-YZHG
Note : Primary thermal path is through Cathode lead of LED package.
DOMINANT Opto Technologies
09/05/14
PrimaxPlus 350 InGaN White MAW-YZHG -pv3.docx
Page 1 of 9
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Super high brightness surface mount LED for automotive applications.
120 viewing angle.
Compact package outline (LxW) of 3.7 x 3.5 mm.
Ultra low height profile – 0.8 mm.
Low thermal resistance;
Superior corrosion robustness.
Compatible to IR reflow soldering.
PrimaxPlus 350mA White: MAW-YZHG
31/05/2013 V1.0
7
Primax • 175 InGaN White: MBWW-FSC Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic
Silicone Resin
Ag Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note: This product is Pb free
175 InGaN White: MBWW-FSC
18/04/2016 V1.0
8
PrimaxPlus 100 InGaN White: PQW-SSG Package Outlines
InGaN White: PQW-SSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic
Silicone Resin
Sn Plating
Note: This product is Pb free
DOMINANT Opto Technologies
24/09/13
PrimaxPlus 100 InGaN Warm White MAF-PSC -pv3.docx
Page 1 of 14
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Super high brightness surface mount LED.
120 viewing angle.
Compact package outline (LxW) of 3.7 x 3.5 mm.
Ultra low height profile – 0.8 mm.
Low thermal resistance.
Compatible to IR reflow soldering.
PrimaxPlus 100mA Warm White: MAF-PSC
Note : Primary thermal path is through Cathode lead of LED package
InGaN Warm White: DDF-LJG
08/12/2016 V7.0
10
DomiLED • InGaN Warm White: DDF-LJG Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic, PPA
Silicone Resin
Sn-Sn Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note : Primary thermal path is through Cathode lead of LED package.
07/07/2011 V4.0
6
SPNovaTM • InGaN White : NPW-RSZ Package Outlines
InGaN White : NPW-RSZ
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic, PPA
Silicone Resin
Sn-Sn Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
12/10/2016 V3.0
7
PrimaxPlus • 350 InGaN Yellow: MAZY-YZHG Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Au Plating
High Temperature Resistant Plastic
Silicone
Au Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note: This product is Pb free
350 InGaN Yellow: MAZY-YZHG
Note : Primary thermal path is through Cathode lead of LED package.
DOMINANTOpto Technologies
09/05/14
PrimaxPlus 350 InGaN White MAW-YZHG -pv3.docx
Page 1 of 9
PRELIMINARY
UNDERDEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Super high brightness surface mount LED for automotive applications.
120 viewing angle.
Compact package outline (LxW) of 3.7 x 3.5 mm.
Ultra low height profile – 0.8 mm.
Low thermal resistance;
Superior corrosion robustness.
Compatible to IR reflow soldering.
PrimaxPlus 350mA White: MAW-YZHG
31/05/2013 V1.0
7
Primax • 175 InGaN White: MBWW-FSC Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic
Silicone Resin
Ag Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note: This product is Pb free
175 InGaN White: MBWW-FSC
18/04/2016 V1.0
8
PrimaxPlus 100 InGaN White: PQW-SSG Package Outlines
InGaN White: PQW-SSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic
Silicone Resin
Sn Plating
Note: This product is Pb free
DOMINANTOpto Technologies
24/09/13
PrimaxPlus 100 InGaN Warm White MAF-PSC -pv3.docx
Page 1 of 14
PRELIMINARY
UNDERDEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Super high brightness surface mount LED.
120 viewing angle.
Compact package outline (LxW) of 3.7 x 3.5 mm.
Ultra low height profile – 0.8 mm.
Low thermal resistance.
Compatible to IR reflow soldering.
PrimaxPlus 100mA Warm White: MAF-PSC
Note : Primary thermal path is through Cathode lead of LED package
InGaN Warm White: DDF-LJG
08/12/2016 V7.0
10
DomiLED • InGaN Warm White: DDF-LJG Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic, PPA
Silicone Resin
Sn-Sn Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note : Primary thermal path is through Cathode lead of LED package.
07/07/2011 V4.0
6
SPNovaTM • InGaN White : NPW-RSZ Package Outlines
InGaN White : NPW-RSZ
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic, PPA
Silicone Resin
Sn-Sn Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
07/07/2011 V4.0
6
SPNovaTM • InGaN White : NPW-RSZ Package Outlines
InGaN White : NPW-RSZ
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic, PPA
Silicone Resin
Sn-Sn Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
12/10/2016 V3.0
7
PrimaxPlus • 350 InGaN Yellow: MAZY-YZHG Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Au Plating
High Temperature Resistant Plastic
Silicone
Au Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note: This product is Pb free
350 InGaN Yellow: MAZY-YZHG
Note : Primary thermal path is through Cathode lead of LED package.
DOMINANT Opto Technologies
09/05/14
PrimaxPlus 350 InGaN White MAW-YZHG -pv3.docx
Page 1 of 9
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Super high brightness surface mount LED for automotive applications.
120 viewing angle.
Compact package outline (LxW) of 3.7 x 3.5 mm.
Ultra low height profile – 0.8 mm.
Low thermal resistance;
Superior corrosion robustness.
Compatible to IR reflow soldering.
PrimaxPlus 350mA White: MAW-YZHG
31/05/2013 V1.0
7
Primax • 175 InGaN White: MBWW-FSC Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic
Silicone Resin
Ag Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note: This product is Pb free
175 InGaN White: MBWW-FSC
18/04/2016 V1.0
8
PrimaxPlus 100 InGaN White: PQW-SSG Package Outlines
InGaN White: PQW-SSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic
Silicone Resin
Sn Plating
Note: This product is Pb free
DOMINANT Opto Technologies
24/09/13
PrimaxPlus 100 InGaN Warm White MAF-PSC -pv3.docx
Page 1 of 14
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Super high brightness surface mount LED.
120 viewing angle.
Compact package outline (LxW) of 3.7 x 3.5 mm.
Ultra low height profile – 0.8 mm.
Low thermal resistance.
Compatible to IR reflow soldering.
PrimaxPlus 100mA Warm White: MAF-PSC
Note : Primary thermal path is through Cathode lead of LED package
InGaN Warm White: DDF-LJG
08/12/2016 V7.0
10
DomiLED • InGaN Warm White: DDF-LJG Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic, PPA
Silicone Resin
Sn-Sn Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note : Primary thermal path is through Cathode lead of LED package.
07/07/2011 V4.0
6
SPNovaTM • InGaN White : NPW-RSZ Package Outlines
InGaN White : NPW-RSZ
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic, PPA
Silicone Resin
Sn-Sn Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Notes:
Primary thermal path is through Cathode lead of LED package.
General tolerance: +/- 0.1mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com