Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4539-E/MLSQTP Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC18F4539-E/MLSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/MLSQTP Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC18F4539-E/MLSQTP Datasheet HTML 24Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 25Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 26Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 27Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 28Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 29Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 30Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 31Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 322 page
background image
PIC18FXX39
DS30485A-page 26
Preliminary
 2002 Microchip Technology Inc.
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
2439 4439 2539 4539
---0 0000
---0 0000
---0 uuuu(1)
TOSH
2439 4439 2539 4539
0000 0000
0000 0000
uuuu uuuu(1)
TOSL
2439 4439 2539 4539
0000 0000
0000 0000
uuuu uuuu(1)
STKPTR
2439 4439 2539 4539
00-0 0000
uu-0 0000
uu-u uuuu(1)
PCLATU
2439 4439 2539 4539
---0 0000
---0 0000
---u uuuu
PCLATH
2439 4439 2539 4539
0000 0000
0000 0000
uuuu uuuu
PCL
2439 4439 2539 4539
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
2439 4439 2539 4539
--00 0000
--00 0000
--uu uuuu
TBLPTRH
2439 4439 2539 4539
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
2439 4439 2539 4539
0000 0000
0000 0000
uuuu uuuu
TABLAT
2439 4439 2539 4539
0000 0000
0000 0000
uuuu uuuu
PRODH
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
2439 4439 2539 4539
0000 000x
0000 000u
uuuu uuuu(3)
INTCON2
2439 4439 2539 4539
1111 -1-1
1111 -1-1
uuuu -u-u(3)
INTCON3
2439 4439 2539 4539
11-0 0-00
11-0 0-00
uu-u u-uu(3)
INDF0
2439 4439 2539 4539
N/A
N/A
N/A
POSTINC0
2439 4439 2539 4539
N/A
N/A
N/A
POSTDEC0
2439 4439 2539 4539
N/A
N/A
N/A
PREINC0
2439 4439 2539 4539
N/A
N/A
N/A
PLUSW0
2439 4439 2539 4539
N/A
N/A
N/A
FSR0H
2439 4439 2539 4539
---- xxxx
---- uuuu
---- uuuu
FSR0L
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
2439 4439 2539 4539
N/A
N/A
N/A
POSTINC1
2439 4439 2539 4539
N/A
N/A
N/A
POSTDEC1
2439 4439 2539 4539
N/A
N/A
N/A
PREINC1
2439 4439 2539 4539
N/A
N/A
N/A
PLUSW1
2439 4439 2539 4539
N/A
N/A
N/A
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as '0', q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
* These registers are retained to maintain compatibility with PIC18FXX2 devices; however, one or more bits
are reserved. Users should not modify the value of these bits. See Section 4.9.2 for details.
Note 1: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4: See Table 3-2 for RESET value for specific condition.
5: Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
Oscillator modes, they are disabled and read ‘0’.
6: Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they are read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com