Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4539-E/MLSQTP Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC18F4539-E/MLSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/MLSQTP Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC18F4539-E/MLSQTP Datasheet HTML 11Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 12Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 13Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 14Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 15Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 16Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 17Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 18Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 13
PIC18FXX39
PORTC is a bi-directional I/O port.
RC0/T13CKI
RC0
T13CKI
11
11
I/O
I
ST
ST
Digital I/O.
Timer1/Timer3 external clock input.
RC3/SCK/SCL
RC3
SCK
SCL
14
14
I/O
I/O
I/O
ST
ST
ST
Digital I/O.
Synchronous serial clock input/output for SPI mode.
Synchronous serial clock input/output for I2C mode.
RC4/SDI/SDA
RC4
SDI
SDA
15
15
I/O
I
I/O
ST
ST
ST
Digital I/O.
SPI Data in.
I2C Data I/O.
RC5/SDO
RC5
SDO
16
16
I/O
O
ST
—
Digital I/O.
SPI Data out.
RC6/TX/CK
RC6
TX
CK
17
17
I/O
O
I/O
ST
—
ST
Digital I/O.
USART Asynchronous Transmit.
USART Synchronous Clock (see related RX/DT).
RC7/RX/DT
RC7
RX
DT
18
18
I/O
I
I/O
ST
ST
ST
Digital I/O.
USART Asynchronous Receive.
USART Synchronous Data (see related TX/CK).
PWM1
13
13
O
—
PWM Channel 1 (motor control) output.
PWM2
12
12
O
—
PWM Channel 2 (motor control) output.
VSS
8, 19 8, 19
P
—
Ground reference for logic and I/O pins.
VDD
20
20
P
—
Positive supply for logic and I/O pins.
TABLE 1-2:
PIC18F2X39 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
DIP
SOIC
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power
OD = Open Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com