Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4539-E/MLSQTP Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC18F4539-E/MLSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/MLSQTP Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC18F4539-E/MLSQTP Datasheet HTML 6Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 7Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 8Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 9Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 10Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 11Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 12Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 13Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 322 page
background image
PIC18FXX39
DS30485A-page 8
Preliminary
 2002 Microchip Technology Inc.
TABLE 1-1:
PIC18FXX39 DEVICE FEATURES
Features
PIC18F2439
PIC18F2539
PIC18F4439
PIC18F4539
Operating Frequency
DC - 40 MHz
DC - 40 MHz
DC - 40 MHz
DC - 40 MHz
Program Memory (Bytes)
12K
24K
12K
24K
Program Memory (Instructions)
6144
12288
6144
12288
Data Memory (Bytes)
640
1408
640
1408
Data EEPROM Memory (Bytes)
256
256
256
256
Interrupt Sources
15
15
16
16
I/O Ports
Ports A, B, C
Ports A, B, C
Ports A, B, C, D, E Ports A, B, C, D, E
Timers
3
3
3
3
PWM Modules(1)
22
2
2
Single Phase Induction
Motor Control
Yes
Yes
Yes
Yes
Serial Communications
MSSP,
Addressable
USART
MSSP,
Addressable
USART
MSSP,
Addressable
USART
MSSP,
Addressable
USART
Parallel Communications
—
—
PSP
PSP
10-bit Analog-to-Digital Module
5 input channels
5 input channels
8 input channels
8 input channels
RESETS (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
Programmable Low Voltage
Detect
Yes
Yes
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions
75 Instructions
75 Instructions
75 Instructions
Packages
28-pin DIP
28-pin SOIC
28-pin DIP
28-pin SOIC
40-pin DIP
44-pin TQFP
44-pin QFN
40-pin DIP
44-pin TQFP
44-pin QFN
Note 1: PWM modules are used exclusively in conjunction with the motor control kernel, and are not available for
other applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com