Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4539-E/MLSQTP Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC18F4539-E/MLSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/MLSQTP Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC18F4539-E/MLSQTP Datasheet HTML 122Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 123Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 124Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 125Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 126Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 127Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 128Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 129Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 322 page
background image
PIC18FXX39
DS30485A-page 124
Preliminary
 2002 Microchip Technology Inc.
15.1.2
PWM DUTY CYCLE
The PWM duty cycle is set by the Motor Control module
when it writes a 10-bit value to the CCPR1L and
CCP1CON registers, where CCPR1L contains the
eight Most Significant bits and CCP1CON<5:4> con-
tains the two Least Significant bits. The duty cycle time
is given by the equation:
PWM duty cycle = (10-bit CCP register value) •
TOSC • (TMR2 prescale value)
where TOSC and the duty cycle are in the same unit of
time.
The CCPR1H register and a 2-bit internal latch are
used to double-buffer the PWM duty cycle. This buffer-
ing is essential for glitchless PWM operation. At the
same time, the value of TMR2 is concatenated with
either an internal 2-bit Q clock, or 2 bits of the TMR2
prescaler. When the CCPR1H:latch pair value matches
that of the TMR2:latch pair, the PWM1 pin is cleared.
The maximum PWM resolution (bits) for a given PWM
frequency is given by the equation:
where FPWM is the PWM frequency, or (1/PWM period).
TABLE 15-1:
REGISTERS ASSOCIATED WITH PWM AND TIMER2
Note:
If the PWM duty cycle value is longer than
the PWM period, the PWM1 pin will not be
cleared.
FOSC
FPWM
---------------


log
2
()
log
-----------------------------bits
=
PWM Resolution (max)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
All Other
RESETS
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x 0000 000u
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
—
TMR2IF
TMR1IF 0000 0000 0000 0000
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
—
TMR2IE
TMR1IE 0000 0000 0000 0000
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
—
TMR2IP
TMR1IP 0000 0000 0000 0000
TMR2*
*
*
*
*
*
*
*
*
0000 0000 0000 0000
PR2*
*
*
*
*
*
*
*
*
1111 1111 1111 1111
T2CON*
*
*
*
*
*
*
*
*
-000 0000 -000 0000
CCPR1L*
*
*
*
*
*
*
*
*
xxxx xxxx uuuu uuuu
CCPR1H
PWM Register1 (MSB) (read-only)
xxxx xxxx uuuu uuuu
CCP1CON*
—
—
*
*
*
*
*
*
--00 0000 --00 0000
CCPR2L*
*
*
*
*
*
*
*
*
xxxx xxxx uuuu uuuu
CCPR2H*
PWM Register2 (MSB) (read-only)
xxxx xxxx uuuu uuuu
CCP2CON*
—
—
*
*
*
*
*
*
--00 0000 --00 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as '0' unless otherwise noted. Shaded cells are not used by PWM
and Timer2.
*
These registers are retained to maintain compatibility with PIC18FXX2 devices; however, the indicated bits are reserved in
PIC18FXX39 devices. Users should not alter the values of these bits.
Note 1: The PSPIF, PSPIE and PSPIP bits are reserved on the PIC18F2X39 devices; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com