Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6806 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6806
Description  Lithium-ion Linear Charger IC with Shutdown and Current Path Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6806 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6806 Datasheet HTML 5Page - Torex Semiconductor XC6806 Datasheet HTML 6Page - Torex Semiconductor XC6806 Datasheet HTML 7Page - Torex Semiconductor XC6806 Datasheet HTML 8Page - Torex Semiconductor XC6806 Datasheet HTML 9Page - Torex Semiconductor XC6806 Datasheet HTML 10Page - Torex Semiconductor XC6806 Datasheet HTML 11Page - Torex Semiconductor XC6806 Datasheet HTML 12Page - Torex Semiconductor XC6806 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9/22
XC6806
Series
■
OPERATIONAL EXPLANATION (Continued)
< Lithium Ion Battery Temperature Monitor Function >
The XC6806 monitors the temperature of the lithium ion battery by means of an NTC thermistor connected to the THIN pin, and
controls the charge current and charge voltage based on the temperature to safely charge the battery. NTC temperature detection
conforms to the characteristics of the NCP15XH103F03RC of Murata Manufacturing Co., Ltd. (NTCG103JF103FT of TDK Co.,
LTD. )
●Type A
(4 Temperature Monitor 0℃,10℃,45℃,60℃)
Cold Operation
When 0°C<Thermistor Temperature≦10°C(VT0, VT10), the charge current is limited to IBAT × 0.5.
When Thermistor Temperature≦0°C(VT0), charge and the timer count pause. While charge is paused, the CSO pin output is OFF.
Normal Operation
When 10°C<Thermistor Temperature<45°C(VT10, VT45), the battery is charged at the charge current IBAT and the charge
voltage VCV.
Hot Operation
When 45°C≦Thermistor Temperature<60°C(VT45, VT60), the charge voltage switches to VCVH and charging continues.
When Thermistor Temperature≧60°C(VT60), charge and the timer count pause. While charge is paused, the CSO pin output is
OFF.
●Type B (3 Temperature Monitor 0℃, 10℃, 45℃)
Unlike Type A, Type B does not have 60°C(VT60) monitoring, and at 45°C≦Thermistor Temperature(VT45), charge and the timer
count pause. While charge is poused, the CSO pin output is OFF.
●TypeC (2 Temperature Monitor 0℃, 60℃)
Unlike Type A, Type C does not have 10°C(VT10) and 45°C(VT45) monitoring, and when Thermistor Temperature≦0°C(VT0) or
Thermistor Temperature≧60°C(VT60), charge and the timer count pause. While charge is paused, the CSO pin output is OFF.
●VREG Pin
The VREG pin is a reference voltage output pin for internal and external NTC thermistor temperature detection. Connect a 0.1μF
capacitor CREG and 10 kΩ resistor. (■Refer to the typical application circuit.)
IBAT x 0.5
VCV
Cold
Operation
(Type A, B Only)
Normal Operation
Charge Current vs Thermistor Temperature
Charge Voltage vs Thermistor Temperature
10℃
0℃
45℃
60℃
Hot
Operation
(Type A Only)
VCVH
IBAT(Adjustable)
10℃
0℃
45℃
60℃
Cold
Operation
(Type A, B Only)
Normal Operation
Hot
Operation
(Type A Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com