Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6806 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6806
Description  Lithium-ion Linear Charger IC with Shutdown and Current Path Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6806 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6806 Datasheet HTML 9Page - Torex Semiconductor XC6806 Datasheet HTML 10Page - Torex Semiconductor XC6806 Datasheet HTML 11Page - Torex Semiconductor XC6806 Datasheet HTML 12Page - Torex Semiconductor XC6806 Datasheet HTML 13Page - Torex Semiconductor XC6806 Datasheet HTML 14Page - Torex Semiconductor XC6806 Datasheet HTML 15Page - Torex Semiconductor XC6806 Datasheet HTML 16Page - Torex Semiconductor XC6806 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13/22
XC6806
Series
■
NOTE ON USE
1. Even temporary or transient voltage drops and rises may cause deterioration or destruction if the absolute maximum ratings
are exceeded.
2. If the wiring has a high impedance, the output current may cause unstable operation. In particular, strengthen the wiring of the
VIN, BAT, and OUT pins.
3. Place the input capacitor (CIN), output capacitors (COUT, CBAT, CREG), and charge current setting resistor (RSET) as close as
possible to the IC to keep the wiring short.
4. An overcurrent protection function is not provided for the current from the BAT pin to the OUT pin. Exercise sufficient caution to
ensure that the current does not exceed 500mA.
5. This IC is not integrated the over current protection function from the BAT pin to the OUT pin and the over discharge protection
function so should build separately the protection functions for the Lithium Ion Battery.
6.This IC uses an external thermistor for high-accuracy detection and control of temperature. Test the position of the external
thermistor sufficiently to verify that temperature can be accurately detected.
7. Risk of destruction if the battery polarity is reversed. Never use with the polarity reversed, as safety cannot be guaranteed in
the event that the IC explodes.
8. Short-circuiting to an adjacent pin may cause malfunctioning and damage. Exercise caution during mounting and use.
9. A large ripple voltage on the VIN pin may cause the IC to malfunction. Test sufficiently before use.
10. The set charge current must always be within therange 10mA to 385mA.
11. Do not connect anything other than a resistance to the ISET pin.
12. Do not use the reference voltage output from the VREG pin for any purpose other than NTC thermistor temperature detection.
13. The charge is stopped lower than the setting voltage by the back current protection if the charge voltage is set high and the
input voltage is low.
14. Torex places an importance on improving our products and their reliability.
We request that users incorporate fail-safe designs and post-aging protection treatment when using Torex products in
their systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com