Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6806 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6806
Description  Lithium-ion Linear Charger IC with Shutdown and Current Path Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6806 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6806 Datasheet HTML 14Page - Torex Semiconductor XC6806 Datasheet HTML 15Page - Torex Semiconductor XC6806 Datasheet HTML 16Page - Torex Semiconductor XC6806 Datasheet HTML 17Page - Torex Semiconductor XC6806 Datasheet HTML 18Page - Torex Semiconductor XC6806 Datasheet HTML 19Page - Torex Semiconductor XC6806 Datasheet HTML 20Page - Torex Semiconductor XC6806 Datasheet HTML 21Page - Torex Semiconductor XC6806 Datasheet HTML 22Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
XC6806
Series
①
Represents products series
②③
represents internal sequential number
01, …,09, 10, …, 99, A0, …, A9, B0, …, B9, …, Z9… repeated.
(G, I, J, O, Q, W excluded)
④⑤
represents production lot number
01~09、0A~0Z、11・・・9Z、A1~A9、AA・・・Z9、ZA~ZZ in order.
(G, I, J, O, Q, W excluded)
* No character inversion used
MARK
PRODUCT SERIES
3
XC6806******-G
■
MARKING RULE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com