Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL103 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XCL103
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter (micro DC/DC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL103 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XCL103 Datasheet HTML 5Page - Torex Semiconductor XCL103 Datasheet HTML 6Page - Torex Semiconductor XCL103 Datasheet HTML 7Page - Torex Semiconductor XCL103 Datasheet HTML 8Page - Torex Semiconductor XCL103 Datasheet HTML 9Page - Torex Semiconductor XCL103 Datasheet HTML 10Page - Torex Semiconductor XCL103 Datasheet HTML 11Page - Torex Semiconductor XCL103 Datasheet HTML 12Page - Torex Semiconductor XCL103 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
XCL102/XCL103
Series
■
OPERATIONAL EXPLANATION
The XCL102/XCL103 series consists of a reference voltage source, ramp wave circuit, error amplifier, PWM comparator, phase compensation
circuit, N-channel driver transistor, P-channel synchronous rectification switching transistor and current limiter circuit.
The error amplifier compares the internal reference voltage with the resistors RFB1 and RFB2. Phase compensation is performed on the
resulting error amplifier output, to input a signal to the PWM comparator to determine the turn-on time of the N-channel driver transistor during
PWM operation. The PWM comparator compares, in terms of voltage level, the signal from the error amplifier with the ramp wave from the ramp
wave circuit, and delivers the resulting output to the buffer driver circuit to cause the Lx pin to output a switching duty cycle. This process is
continuously performed to ensure stable output voltage. The current feedback circuit monitors the N-channel driver transistor’s turn-on current
for each switching operation, and modulates the error amplifier output signal to provide multiple feedback signals. This enables a stable feedback
loop even when a low ESR capacitor, such as a ceramic capacitor, is used, ensuring stable output voltage.
<Reference voltage source, soft start function>
The reference voltage forms a reference that is used to stabilize the output voltage of the IC.
After “H” level is fed to CE pin, the reference voltage connected to the error amp increases linearly during the soft start interval. This allows the
voltage divided by the internal RFB1 and RFB2 resistors and the reference voltage to be controlled in a balanced manner, and the output voltage
rises in proportion to the rise in the reference voltage. This operation prevents rush input current and enables the output voltage to rise smoothly.
<Ramp Wave Circuit>
The ramp wave circuit determines switching frequency. The frequency is fixed internally at 3.0MHz. The Clock generated is used to
produce ramp waveforms needed for PWM operation, and to synchronize all the internal circuits.
<Error Amplifier>
The error amplifier is designed to monitor output voltage. The amplifier compares the reference voltage with the feedback voltage divided by
the internal resistors (RFB1 and RFB2). When the FB is lower than the reference voltage, output voltage of the error amplifier increases. The
gain and frequency characteristics of the error amplifier are optimized internally.
<VDDMAX>
VDD MAX circuit compares the input voltage and the output voltage then it will select the higher one as the power supply for the IC.
<Shutdown function, load disconnection function>
The IC enters chip disable state by applying low level voltage to the CE pin. At this time, the N-channel and P-channel synchronous switching
transistors are turned OFF
With the XCL102D/103D types, the orientation of the parasitic diode of the P-channel synchronous switching transistor is fixed at anode: VOUT
and cathode: Lx during shutdown to break conduction from the input side to the output side by the parasitic diode of the P-channel synchronous
switching transistor.
<PWM/PFM control circuit>
When PFM operates, the N-channel driver transistor turns on at the timing of the signal sent from the PWM comparator. The N-channel driver
transistor remains on until the current in the coil reaches a constant current (IPFM). The PWM/PFM control circuit compares the signal sent from
the PWM comparator to the time it takes the current in the coil to reach a constant current (IPFM), and outputs the pulse that results in a longer on-
time of the N-channel driver transistor. This enables smooth switching between PWM and PFM. The XCL102 series directly outputs the signal
that is sent from the PWM comparator.
VDD MAX
RFB1
Load Disconnect
Controller
CE Controller
Logic
PWM
Comparator
Buffer
Drive
LX
VBAT
VOUT
Current sense
Short-circuit
protection
Latch Timer
Vref with
Soft Start
CFB
Inductor
GND
L2
L1
PFM/PWM
Controller Logic
VDD
CE
VOUT
CL
Discharge
Error Amp.
Phase
Compensation
RAMP Wave
Generator
OSC
RFB2
FB
VOUT
< BLOCK DIAGRAM (D type) >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com