Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL103 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XCL103
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter (micro DC/DC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL103 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XCL103 Datasheet HTML 12Page - Torex Semiconductor XCL103 Datasheet HTML 13Page - Torex Semiconductor XCL103 Datasheet HTML 14Page - Torex Semiconductor XCL103 Datasheet HTML 15Page - Torex Semiconductor XCL103 Datasheet HTML 16Page - Torex Semiconductor XCL103 Datasheet HTML 17Page - Torex Semiconductor XCL103 Datasheet HTML 18Page - Torex Semiconductor XCL103 Datasheet HTML 19Page - Torex Semiconductor XCL103 Datasheet HTML 20Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19/20
XCL102/XCL103
Series
■
MARKING RULE
●
CL-2025-02
①
represents products series
②
represents integer and oscillation frequency of the output voltage
③
represents the decimal part of output voltage
④
,⑤ represents production lot number
01~09、0A~0Z、11~9Z、A1~A9、AA~AZ、B1~ZZ in order.
(G, I, J, O, Q, W excluded)
Note: No character inversion used.
MARK
PRODUCT SERIES
2
XCL102******-G
3
XCL103******-G
MARK
Type
OUTPUT
VOLTAGE(V)
Oscillation
Frequency(MHz)
PRODUCT SERIES
2
D
2.x
3.0
XCL102/3D2*3**-G
3
3.x
XCL102/3D3*3**-G
4
4.x
XCL102/3D4*3**-G
5
5.x
XCL102/3D5*3**-G
C
E
2.x
3.0
XCL102/3E2*3**-G
D
3.x
XCL102/3E3*3**-G
E
4.x
XCL102/3E4*3**-G
F
5.x
XCL102/3E5*3**-G
OUTPUT
VOLTAGE(V)
MARK
PRODUCT SERIES
X.0
0
XCL102/3**03**-G
X.1
1
XCL102/3**13**-G
X.2
2
XCL102/3**23**-G
X.3
3
XCL102/3**33**-G
X.4
4
XCL102/3**43**-G
X.5
5
XCL102/3**53**-G
X.6
6
XCL102/3**63**-G
X.7
7
XCL102/3**73**-G
X.8
8
XCL102/3**83**-G
X.9
9
XCL102/3**93**-G
1
2
3
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com