Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL103 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XCL103
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter (micro DC/DC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL103 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XCL103 Datasheet HTML 9Page - Torex Semiconductor XCL103 Datasheet HTML 10Page - Torex Semiconductor XCL103 Datasheet HTML 11Page - Torex Semiconductor XCL103 Datasheet HTML 12Page - Torex Semiconductor XCL103 Datasheet HTML 13Page - Torex Semiconductor XCL103 Datasheet HTML 14Page - Torex Semiconductor XCL103 Datasheet HTML 15Page - Torex Semiconductor XCL103 Datasheet HTML 16Page - Torex Semiconductor XCL103 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
XCL102/XCL103
Series
■
NOTE ON USE(Continued)
18) Instructions of pattern layouts
The operation may become unstable due to noise and/or phase lag from the output current when the wire impedance is high,
please place the input capacitor(CIN) and the output capacitor (CL) as close to the IC as possible.
(1) In order to stabilize VBAT voltage level, we recommend that a by-pass capacitor (CIN) be connected as close as possible to the VBAT pin,
GND pin.
(2) Please mount each external component as close to the IC as possible.
(3) Wire external components as close to the IC as possible and use thick, short connecting traces to reduce the circuit impedance.
(4) Make sure that the GND traces are as thick as possible, as variations in ground potential caused by high ground currents at the time of
switching may result in instability of the IC.
(5) This series’ internal driver transistors bring on heat because of the output current and ON resistance of P-channel and N-channel MOS driver
transistors. Please consider the countermeasures against heat if necessary.
19) Please make the equipped location accuracy within the 0.05mm as a careful point on the mounting.
<Reference pattern layout>
<
TOP VIEW>
<
BOTTOM VIEW>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com