Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP43101 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP43101
Description  Dual Output Power Switch with Inverting Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP43101 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP43101 Datasheet HTML 1Page - Vishay Siliconix SIP43101 Datasheet HTML 2Page - Vishay Siliconix SIP43101 Datasheet HTML 3Page - Vishay Siliconix SIP43101 Datasheet HTML 4Page - Vishay Siliconix SIP43101 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SiP43101
Vishay Siliconix
New Product
Document Number: 72640
S-32451, Rev. A—01-Dec-03
www.vishay.com
1
Dual Output Power Switch with Inverting Input
FEATURES
D Two Output Power Switches
D Total Output Drive — 200 mA Continuous
D 9-V to 35-V Supply Voltage Range
D Low Side or High Side Switch Configuration
D User Programmable Phasing of Output Switches
D Internal Output Over Voltage Clamp For Driving Inductive
Loads
D Current Limit Protection
D Thermal Shutdown Protection
D UVLO With User Programmable Time Delay
APPLICATIONS
D Optical Detectors for Factory Automation
DESCRIPTION
SiP43101 is a dual power switch IC which contains all control
and power switching circuitry required to drive resistive and
inductive loads in industrial applications. The output switches
are NPN power transistors which can be configured as either
high-side or low-side switches. These switches can operate
from voltages as high as 35 V and have a continuous output
current rating of 200 mA, combined or individually. Internal
zener diodes are provided to clamp the power switch voltages
to safe levels when driving inductive loads. The IN1 pin is a
non-inverting input which controls the output of switch 1.
A 2-input Exclusive OR gate input controls switch 2, allowing
switch 2 to be controlled by either an inverting or non-inverting
control signal. SiP43101 contains under voltage lockout,
UVLO, a user definable turn on delay, current limit, short
circuit protection, and thermal shutdown.
SIP43101 is available in 16-pin TSSOP and PowerPAKr
MLP-44 packages for operation over the temperature range
of −40 to 85 °C.
TYPICAL APPLICATION CIRCUIT
C2
E2
E1
C1
VCC
FAULT
CDEL
GND
IN2B
IN2A
IN1
SiP43101
10 kW
5 V
1 kW
100 nF
Load
Load
+10 to 30 V
100 nF
INPUT
Both Switches Configured as Low-Side, Switch 2 Inverted With Respect to Switch 1
10 kW
GND


Similar Part No. - SIP43101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP43101 VISHAY-SIP43101 Datasheet
99Kb / 6P
Dual Output Power Switch with Inverting Input
15-Aug-05
SIP43101DLP-T1 VISHAY-SIP43101DLP-T1 Datasheet
99Kb / 6P
Dual Output Power Switch with Inverting Input
15-Aug-05
SIP43101DLP-T1-E3 VISHAY-SIP43101DLP-T1-E3 Datasheet
99Kb / 6P
Dual Output Power Switch with Inverting Input
15-Aug-05
SIP43101DQ-T1 VISHAY-SIP43101DQ-T1 Datasheet
99Kb / 6P
Dual Output Power Switch with Inverting Input
15-Aug-05
SIP43101DQ-T1-E3 VISHAY-SIP43101DQ-T1-E3 Datasheet
99Kb / 6P
Dual Output Power Switch with Inverting Input
15-Aug-05
More results

Similar Description - SIP43101

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
4670.2006.09.1.4
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
logo
Vishay Siliconix
SIP43101 VISHAY-SIP43101_05 Datasheet
99Kb / 6P
Dual Output Power Switch with Inverting Input
15-Aug-05
SIP43102 VISHAY-SIP43102 Datasheet
86Kb / 6P
Dual Output Power Switch
28-Feb-05
logo
Fairchild Semiconductor
FPF1321 FAIRCHILD-FPF1321 Datasheet
1Mb / 16P
IntelliMAX??Dual-Input Single-Output Advanced Power Switch with True Reverse-Current Blocking
logo
ON Semiconductor
FPF1320 ONSEMI-FPF1320 Datasheet
1Mb / 15P
Dual-Input Single-Output Advanced Power Switch
October-2017,Rev 2
logo
Kinetic Technologies.
KTS1656 KINETIC-KTS1656 Datasheet
134Kb / 2P
Surge Protected, Single Input, Dual Output Load Switch with OVP
January 2020 - Revision 04a
KTS1678B KINETIC-KTS1678B Datasheet
134Kb / 2P
Surge Protected, Single Input, Dual Output Load Switch with OVP
August 2020 - Revision 04d
KTS1678C KINETIC-KTS1678C Datasheet
839Kb / 14P
Surge Protected, Single Input, Dual Output Load Switch with OVP
August 2020 - Revision 04h
KTS1679 KINETIC-KTS1679 Datasheet
121Kb / 2P
Surge Protected, Single Input, Dual Output Load Switch with OVP
August 2020 - Revision 03e
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com