Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP43101 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP43101
Description  Dual Output Power Switch with Inverting Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP43101 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP43101 Datasheet HTML 1Page - Vishay Siliconix SIP43101 Datasheet HTML 2Page - Vishay Siliconix SIP43101 Datasheet HTML 3Page - Vishay Siliconix SIP43101 Datasheet HTML 4Page - Vishay Siliconix SIP43101 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SiP43101
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72640
S-32451, Rev. A—01-Dec-03
PIN DESCRIPTION
Pin Number
TSSOP-16
MLP44-16
Name
Function
1
15
VCC
Positive Supply Voltage
2
16
FAULT
Open collector output that is switched low on in the event of Short Circuit or Thermal Shut Down.
3
1
CDEL
Connection for the external capacitor controlling the turn on delay.
4, 10, 12, 13,
15
3, 7, 10, 11, 14
NC
No connection
5
2
GND
Ground Pin.
6
4
IN2B
Input to the Exclusive OR controlling power switch 2.
7
5
IN2A
Input to the Exclusive OR controlling power switch 2.
8
6
IN1
Input controlling power switch 1.
9
8
C1
Collector of power switch 1.
11
9
E1
Emitter of power switch 1.
14
12
E2
Emitter of power switch 2.
16
13
C2
Collector of power switch 2.
DETAILED PIN DESCRIPTION
CDEL
A capacitor connected to this pin is used to set the duration
the turn on delay. The delay starts after the UVLO threshold
has been reached.
IN1
This pin controls the state of the output NPN switch 1. A
Logic 0 holds the switch off while a Logic 1 turns the switch on.
IN2A, IN2B
These pins are the inputs to the Exclusive OR gate that
controls the state of the output NPN switch 2. This allows the
use of either a non-inverting or an inverted signal to control the
switch. Refer to the truth table for the logic function
description.
IN2A
IN2B
SWITCH 2
Low
Low
Off
Low
High
On
High
Low
On
High
High
Off
E1
This pin is the emitter of Switch 1. This pin is connected to the
load in the High-Side Switch configuration, and is connected
to Ground in the Low-Side configuration.
E2
This pin is the emitter of switch 2. This pin is connected to the
load in the High-Side switch configuration, and is connected
to Ground in the Low-Side configuration.
C1
This pin is the collector of switch 1. This pin is connected to the
VCC in the High-Side switch configuration, and is connected
to the load in the Low-Side configuration.
C2
This pin is the collector of switch 2. This pin is connected to the
VCC in the High-Side switch configuration, and is connected
to the load in the Low-Side configuration.
FAULT
This pin is an open collector output that is pulled to Ground in
the event of a short circuit, an overcurrent, or a thermal shut
down



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com