Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP43101 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP43101
Description  Dual Output Power Switch with Inverting Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP43101 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP43101 Datasheet HTML 1Page - Vishay Siliconix SIP43101 Datasheet HTML 2Page - Vishay Siliconix SIP43101 Datasheet HTML 3Page - Vishay Siliconix SIP43101 Datasheet HTML 4Page - Vishay Siliconix SIP43101 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SiP43101
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72640
S-32451, Rev. A—01-Dec-03
ABSOLUTE MAXIMUM RATINGS
VCC
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
C1, E1, C2, E2
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
C1-E1, C2-E2 (clamped by internal circuitry)
52 V
. . . . . . . . . . . . . . . . . . . . . .
Output Current
Continuous for one Output
200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak for one Output
1.3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
FAULT Output Current
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
FAULT Output Voltage
17.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IN1, IN2A, IN2B
17.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
−55 to 125_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Currents are positive into, negative out of the specificed terminal.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
VCC
9 to 32 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−40 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONS
Test Conditions Unless Specified
Limits
Parameter
Symbol
VCC = 25 V,IN1, IN2 = 0 V, IN1, IN2, INV2 = 5 V
CDEL = 10 nF, TA = TJ
Mina
Typb
Maxa
Unit
Power Supply
Supply Voltage
VCC
9
35
V
Supply Current
ICC
−40 to 85_C, Both Inputs Enabled
6
9
mA
Logic Inputs (IN1, IN2A, IN2B)
Digital Input High Level
VIH
3.5
9
V
Digital Input Low Level
VIL
1.5
V
Input Bias Current, Low Level
IIL
IN1, IN2A, IN2B = 0 V
−0.40
mA
Input Bias Current, High Level
IIH
IN1, IN2A, IN2B = 5 V
0.02
mA
Switches 1&2 − High Side Configuration
Rise Time (Off to On)
tr
RLOAD = 250 W to GND C1 C2 = 25 V
300
ns
Rise Tiem (On to Off)
tf
RLOAD = 250 W to GND, C1 , C2 = 25 V
300
ns
Saturation Voltage
VSATHS
RLOAD = 125 W to GND
TA = 25 _C
1.3
V
Saturation Voltage
VSATHS
RLOAD = 125 W to GND
TA = −40 _C
1.5
V
Current Limit
ILIMHS
RLOAD = 0.25 W to GND, TA = 25 _C
1.1
A
Leakage Current
ILHS
E1, E2 = GND, C1 , C2 = 25 V,IN1, IN2A, IN2B = 0 V
5
mA
Voltabe Clamp
VCLHS
Measure (VC1 − VE1) or (VC2 − VE2)
52
V
Switches 1&2 − Low Side Configuration
Rise Time (On to Off)
tr
RLOAD = 250 W to VCC LOAD = 25 V to C1 C2
400
ns
Rise Tiem (Off to On)
tf
RLOAD = 250 W to VCC, LOAD = 25 V to C1 , C2
350
ns
Saturation Voltage
VSATLS
RLOAD = 125 W to VCC
TA = 25 _C
1.3
V
Saturation Voltage
VSATLS
RLOAD = 125 W to VCC
TA = −40 _C
1.5
V
Current Limit
ILIMLS
RLOAD = 0.25 W to VCC, TA = 25 _C
1.1
A
Leakage Current
ILLS
E1, E2 = GND, C1 , C2 = 25 V,IN1, IN2A, IN2B = 0 V
5
mA
Voltabe Clamp
VCLLS
Measure (VC1 − VE1) or (VC2 − VE2)
52
V
Turn-On Delay
CDEL Maximum Voltage
VDEL
4.7
V
CDEL Threshold
VDELTH
4
V
ICDEL
ICDEL
2.5
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com