Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT618 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # FMMT618
Description  NPN Silicon Planar High Performance Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FMMT618 Datasheet(HTML) 2 Page - Micro Commercial Components

  FMMT618 Datasheet HTML 1Page - Micro Commercial Components FMMT618 Datasheet HTML 2Page - Micro Commercial Components FMMT618 Datasheet HTML 3Page - Micro Commercial Components FMMT618 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: A
2016/02/10
www.mccsemi.com
2 of
4
Typical Characteristics
Micro Commercial Components
M C C
R
1
1000
0
200
400
600
800
1000
01
7
6
0
100
200
300
400
500
600
700
V
CE= 2V
T
a=100
oC
T
a=25
oC
10
100
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
2500
COMMON
EMITTER
T
a=25
℃
0.8mA
0.72mA
0.64mA
0.56mA
0.48mA
0.4mA
0.32mA
0.24mA
0.16mA
I
B=0.08mA
23
45
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
1
1000
0
200
400
600
800
1000
1
1000
0
50
100
150
200
10
100
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=50
I
C
V
BEsat
——
2500
2500
T
a=25
℃
T
a=100
℃
β=50
V
CEsat
——
I
C
10
100
COLLECTOR CURRENT I
C
(mA)
0.1
10
1
10
100
1000
0
0
2
100
0
50
100
150
200
f=1MHz
I
E=0 / IC=0
T
a=25
oC
1
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
20
40
6080
COLLECTOR CURRENT I
C
(mA)
V
CE=10V
T
a=25
oC
I
C
f
T
——



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com