Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT618 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FMMT618
Description  NPN Silicon Planar High Performance Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FMMT618 Datasheet(HTML) 1 Page - Micro Commercial Components

  FMMT618 Datasheet HTML 1Page - Micro Commercial Components FMMT618 Datasheet HTML 2Page - Micro Commercial Components FMMT618 Datasheet HTML 3Page - Micro Commercial Components FMMT618 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FMMT61
8
NPN Silicon Planar
High Performance
Transistor
Features
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
20
V
VCBO
Collector-Base Voltage
20
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
-Continuous
2.
5
A
PC
Power Dissipation
350
mW
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=10mAdc, IB=0)
20
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100
µAdc, IE=0)
20
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100
µAdc, IC=0)
5.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=
16Vdc, I
E=0Vdc)
---
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=4.0Vdc, IC=0)
---
0.1
uAdc
VCE(sat)
Collector-Emitter Saturation Voltage
*
---
---
0.0
15
0.
15
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
*
(IC=2
.5Adc, I
B=50mAdc)
---
1.0
Vdc
VBE(ON)
Base-Emitter Voltage
*
(VCE=2Vdc, IC=
2.5Adc)
---
1.0
Vdc
hFE
DC Current Gain
*
200
300
200
100
---
---
---
---
---
fT
Transition Frequency
(IC=50mAdc, VCE=10Vdc, f=100MHz)
100
---
MHz
Cob
Output Capacitance
(VCB=10Vdc, f=1.0MHz)
---
30
pF
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision:
A
20
16/02/10
E
B
C
Marking:61
8
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
www.mccsemi.com
1 of
4
Halogen free available upon request by adding suffix "-HF"
•
(IC=100mAdc, IB=10mAdc)
(IC=1Adc, IB=10mAdc)
(IC=2
.5Adc,I
B=
50mAdc)
---
0.2
0
(VCE=2Vdc, IC=10mAdc)
(VCE=2Vdc, IC=200mAdc)
(VCE=2Vdc, IC=
2Adc)
(VCE=2Vdc, IC=
4Adc)
t(on)
Turn-on time
t(off)
Turn-off time
(VCC=10Vdc, IC=1Adc, IB1=-IB2=10mAdc)
170(typ)
ns
400(typ)
ns
•
E
xtremely Low Saturation Voltage
IB
Base Current
0.5
A
RthJA
Thermal Resistance From Junction to Ambient
357
o
C/W
*.Pulse test: Pul width≤300μs,duty cycle≤2.0%.
Micro Commercial Components
M C C
R


Similar Part No. - FMMT618

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT618 ZETEX-FMMT618 Datasheet
308Kb / 4P
NPN SILICON POWER (SWITCHING) TRANSISTORS
logo
Diodes Incorporated
FMMT618 DIODES-FMMT618 Datasheet
307Kb / 4P
SOT23 NPN SILICON POWER
NOVEMBER 1995
logo
Nanjing International G...
FMMT618 DGNJDZ-FMMT618 Datasheet
1Mb / 5P
SOT-23 Plastic-Encapsulate Transistors
logo
Diodes Incorporated
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
More results

Similar Description - FMMT618

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT455 ZETEX-FMMT455 Datasheet
136Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT649 ZETEX-FZT649 Datasheet
91Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT653 ZETEX-FZT653 Datasheet
96Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT655 ZETEX-FZT655 Datasheet
90Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
GTM CORPORATION
GL156 GTM-GL156 Datasheet
292Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
GM156 GTM-GM156 Datasheet
264Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT653 KEXIN-FZT653 Datasheet
38Kb / 2P
NPN Silicon Planar High Performance Transistor
FZT649 KEXIN-FZT649 Datasheet
38Kb / 2P
NPN Silicon Planar High Performance Transistor
logo
Micro Commercial Compon...
FMMT491 MCC-FMMT491 Datasheet
241Kb / 3P
NPN Silicon Planar High Performance Transistor
FMMT449 MCC-FMMT449 Datasheet
239Kb / 2P
NPN Silicon Planar High Performance Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com