Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT618 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # FMMT618
Description  NPN Silicon Planar High Performance Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FMMT618 Datasheet(HTML) 3 Page - Micro Commercial Components

  FMMT618 Datasheet HTML 1Page - Micro Commercial Components FMMT618 Datasheet HTML 2Page - Micro Commercial Components FMMT618 Datasheet HTML 3Page - Micro Commercial Components FMMT618 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision: A
2016/02/10
www.mccsemi.com
3 of 4
Micro Commercial Components
M C C
R
0
25
125
150
0
100
200
300
400
500
200
400
1000
0
500
1000
1500
2000
2500
50
75
100
AMBIENT TEMPERATURE T
a
(℃)
P
c
——
T
a
V
CE= 2V
Ta=25℃
Ta=100
oC
600
800
BASE-EMITTER VOLTAGE
V
BE(mV)
V
BE
——
I
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com