Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL-R42NEWAD-001A Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTL-R42NEWAD-001A
Description  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-R42NEWAD-001A Datasheet(HTML) 6 Page - Lite-On Technology Corporation

Back Button LTL-R42NEWAD-001A Datasheet HTML 2Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 3Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 4Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 5Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 6Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 7Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 8Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 9Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 10Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
5/10
Part No. :
LTL-R42NEWAD-001A
BNS-OD-FC002/A4
Through Hole Lamp
LTL-R42NEWAD-001A
6. Taping Features
* Compatible with radial lead automatic insertion equipment.
* Most radial lead plastic lead lamps available packaged in tape and folding.
* 5mm (0.197") formed lead spacing available.
* Folding packaging simplifies handling and testing.
* Reel packaging is available by removing suffix “A” on option.
* Ammo packing series lamp type 24 LED+GAP.
Package Dimensions
Specification
Item
Symbol
Minimum
Maximum
mm
inch
mm
inch
Tape Feed Hole Diameter
D
3.8
0.149
4.2
0.165
Component Lead Pitch
F
4.8
0.188
5.8
0.228
Front to Rear Deflection
△H
--
--
2.0
0.078
Height of Seating Plane
H
15.5
0.610
16.5
0.649
Feed Hole to Bottom of Component
H1
17.5
0.688
19.5
0.768
Feed Hole to Overall Component Height
H2
21.7
0.854
24.2
0.953
Lead Length After Component Height
L
W0
11.0
0.433
Feed Hole Pitch
P
12.4
0.488
13.0
0.511
Lead Location
P1
3.15
0.124
4.55
0.179
Center of Component Location
P2
5.05
0.198
7.65
0.301
Total Tape Thickness
T
0.4
0.016
0.90
0.035
Feed Hole Location
W0
8.5
0.334
9.75
0.384
Adhesive Tape Position
W2
0
0
3.0
0.118
Tape Width
W3
17.5
0.689
19.0
0.748



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com