Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL-R42NEWAD-001A Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTL-R42NEWAD-001A
Description  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-R42NEWAD-001A Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTL-R42NEWAD-001A Datasheet HTML 3Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 4Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 5Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 6Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 7Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 8Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 9Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 10Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
9/10
Part No. :
LTL-R42NEWAD-001A
BNS-OD-FC002/A4
Through Hole Lamp
LTL-R42NEWAD-001A
9.7. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
Use a conductive wrist band or anti- electrostatic glove when handling these LEDs
All devices, equipment, and machinery must be properly grounded
Work tables, storage racks, etc. should be properly grounded
Use ion blower to neutralize the static charge which might have built up on surface of the LEDs plastic
lens as a result of friction between LEDs during storage and handing
Suggested checking list:
Training and Certification
9.7.1.1. Everyone working in a static-safe area is ESD-certified?
9.7.1.2. Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
9.7.2.1. Static-safe workstation or work-areas have ESD signs?
9.7.2.2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
9.7.2.3. All ionizer activated, positioned towards the units?
9.7.2.4. Each work surface mats grounding is good?
Personnel Grounding
9.7.3.1. Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel strap or conductive shoes
with conductive flooring?
9.7.3.1. If conductive footwear used, conductive flooring also present where operator stand or walk?
9.7.3.2. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
9.7.3.3. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs?
9.7.3.4. All wrist strap or heel strap checkers calibration up to date?
Note: *50V for Blue LED.
Device Handling
9.7.4.1. Every ESDS items identified by EIA-471 labels on item or packaging?
9.7.4.2. All ESDS items completely inside properly closed static-shielding containers when not at static-safe workstation?
9.7.4.3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
9.7.4.4. All flexible conductive and dissipative package materials inspected before reuse or recycle?
Others
9.7.5.1. Audit result reported to entity ESD control coordinator?
9.7.5.2. Corrective action from previous audits completed?
9.7.5.3. Are audit records complete and on file?



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com