Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL-R42NEWAD-001A Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL-R42NEWAD-001A
Description  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-R42NEWAD-001A Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL-R42NEWAD-001A Datasheet HTML 1Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 2Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 3Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 4Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 5Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 6Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 7Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 8Page - Lite-On Technology Corporation LTL-R42NEWAD-001A Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2/10
Part No. :
LTL-R42NEWAD-001A
BNS-OD-FC002/A4
Through Hole Lamp
LTL-R42NEWAD-001A
1. Description
Through-hole LEDs are offered in a variety of packages such as 3mm, 4mm, 5mm, rectangular, and cylinder which are suitable
for all applications requiring status indication. Several intensity and viewing angle choices are available in each color for design
flexibility.
1. 1. Features
Designed for ease in circuit board assembly.
Red diffused lens.
Low power consumption & High efficiency.
Lead free product & RoHS Compliant.
T-1 diameter: Source color is AlInGaP red chip.
1.2. Applications
Computer.
Communication.
Consumer.
Home appliance.
2. Outline Dimensions
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm (.04") max.
4.
Lead spacing is measured where the leads emerge from the package.
5.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com