Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-U06UVC280GL Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # LTPL-U06UVC280GL
Description  Specific Lighting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-U06UVC280GL Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTPL-U06UVC280GL Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 15Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
12/14 PartNo.:LTPL- U06UVC280GL
BNS-OD-FC002/A4
Specific Lighting
LTPL-U06UVC280GL
ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED. Suggestions to prevent ESD damage:
・Use a conductive wrist band or anti-electrostatic glove when handling these LEDs.
・All devices, equipment, and machinery must be properly grounded.
・Work tables, storage racks, etc. should be properly grounded.
・Use ion blower to neutralize the static charge which might have built up on surface of the
LED’s plastic lens as a result of friction between LEDs during storage and handling.
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward
voltage, or “no light up” at low currents. To verify for ESD damage, check for “light up” and VF of the suspect LEDs
at low currents.
Training and Certification
1.
Working area is ESD-certified.
2.
Training records and re-certification dates monitored.
Static-Safe Workstation & Work Areas
1.
Static-safe working stations or work-areas have ESD signs.
2.
All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V.
3.
All ionizer activated, positioned towards the units.
4.
Each work surface mats grounding is good.
Personnel Grounding
1.
Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel strap or
conductive shoes with conductive flooring.
2.
If conductive footwear used, conductive flooring also present.
3.
Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V.
4.
The wrist strap or heel strap/conductive shoes are checked daily and result recorded.
5.
All wrist strap or heel strap checkers calibration up to date.
Device Handling
1.
Each ESDS items identified by EIA-471 labels on item or packaging..
2.
No static charge generators (e.g. plastics) inside shielding containers with ESDS items.
3.
All flexible conductive and dissipative package materials are inspected before reuse or recycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com