Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-U06UVC280GL Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTPL-U06UVC280GL
Description  Specific Lighting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-U06UVC280GL Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTPL-U06UVC280GL Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2/14
Part No. : LTPL- U06UVC280GL
BNS-OD-FC002/A4
Specific Lighting
LTPL-U06UVC280GL
2. Outline Dimensions
Notes:
1.
All dimensions are in millimeters and tolerance is ±0.2mm unless otherwise noted
.
2.
Thermal pad of the device is electrically neutral from the anode and cathode pads
3. Absolute Maximum Ratings at Ta=25°
°°°C
Parameter
Symbol
Rating
Unit
Power Dissipation
Po
0.3
W
DC Forward Current
IF
40mA
mA
Operating Temperature Range
Topr
-30~+80
°C
Storage Temperature Range
Tstg
-40~+100
°C
Notes:
Operating the LED under reverse bias condition long time might result in damage or failure of the component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com