Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-U06UVC280GL Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTPL-U06UVC280GL
Description  Specific Lighting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-U06UVC280GL Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTPL-U06UVC280GL Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1/14
Part No. : LTPL- U06UVC280GL
BNS-OD-FC002/A4
Specific Lighting
LTPL-U06UVC280GL
1. Description
The LiteON LTPL-U06UVC280GL product series is a revolutionary, energy efficient light source for sterilization and
medical application, combining the lifetime and reliability advantages of Light Emitting Diodes with the brightness of
conventional light source. It gives you design freedom, and creating a new opportunities for solid state UVC light source
to displace conventional UV technologies.
1.1
Features
I.C. compatible
RoHS compliant and Pb free
Lower operating costs
Reduced maintenance costs
1.2
Available Part Numbers
Nominal peak wavelength (nm)
Forward Voltage
Part Number
Wp 280
6.2 V
LTPL-U06UVC280GL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com