Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA733-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SA733-R
Description  PNP Silicon Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA733-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SA733-R Datasheet HTML 1Page - Micro Commercial Components 2SA733-R Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP Silicon
Plastic-Encapsulate
Transistor
Features
Capable of 0.25Watts of Power Dissipation.
Collector-current 0.1A
Collector-base Voltage 60V
Operating and storage junction temperature range: -55
OC to +150OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
V (BR)CEO
Collector-Emitter Breakdown Voltage
(IC=
-1.0mAdc, I
B=0)
-50
---
---
Vdc
V (BR)CBO
Collector-Base Breakdown Voltage
(IC=
-5.0µAdc, I
E=0)
-60
---
---
Vdc
V (BR)EBO
Emitter-Base Breakdown Voltage
(IE=
-50µAdc, I
C=0)
-5.0
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=
-60Vdc, I
E=0)
---
---
-0.1
µAdc
IEBO
Emitter Cutoff Current
(VEB=
-5.0Vdc, I
C=0)
---
---
-0.1
µAdc
ON CHARACTERISTICS
h FE
DC Current Gain
(IC=
-1.0mAdc, VCE=-6.0Vdc)
90
200
600
---
V CE(sat)
Collector-Emitter Saturation Voltage
(IC=
-100mAdc, I
B=
-10mAdc)
---
-0.18
-0.3
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=10mAdc, VCE=
-6.0Vdc )
100
---
---
MHz
CLASSIFICATION OF HFE (1)
Rank
R
Q
P
K
Range
90-180
135-270
200-400
300-600
Revision:
E
201
6/02/02
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 2
2SA733-R
2SA733-P
2SA733-K
2SA733-Q
Lead Free Finish/Rohs Compliant ("P"Suffix designates
Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.45
4.70
C
.500
---
12.70
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
.095
.105
2.42
2.67
Straight Lead
A
E
B
C
D
G
E
E
C
C
B
B
STRAIGHT LEAD BENT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
.
173
.
220
4.40
5.60
Bent Lead
G
TO-92
DIMENSIONS
Halogen free available upon request by adding suffix "-HF"
Cob
Collector output capacitance
(
V
C
B=-10Vdc, IE=0,f=1MHz )
6
---
---
pF
NF
Noise figure
(
V
C
E=-6Vdc, IC=-03mAdc, )
20
---
---
dB
(Rg=10kΩ,f=100HZ )
Micro Commercial Components
M C C
TM


Similar Part No. - 2SA733-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA733-R MCC-2SA733-R Datasheet
445Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results

Similar Description - 2SA733-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1015-O MCC-2SA1015-O Datasheet
84Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA1015-O MCC-2SA1015-O_11 Datasheet
390Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
2SA1162-O MCC-2SA1162-O Datasheet
199Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SB772-R MCC-2SB772-R Datasheet
298Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
BD772-R MCC-BD772-R Datasheet
383Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
BF421 MCC-BF421 Datasheet
224Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MPS2907 MCC-MPS2907 Datasheet
244Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMSS8550-L MCC-MMSS8550-L_13 Datasheet
164Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9012-L MCC-MMS9012-L_13 Datasheet
161Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9015-L MCC-MMS9015-L_13 Datasheet
344Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com