Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1202LS Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1202LS
Description  Dual USB High-Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1202LS Datasheet(HTML) 1 Page - Anachip Corp

  AP1202LS Datasheet HTML 1Page - Anachip Corp AP1202LS Datasheet HTML 2Page - Anachip Corp AP1202LS Datasheet HTML 3Page - Anachip Corp AP1202LS Datasheet HTML 4Page - Anachip Corp AP1202LS Datasheet HTML 5Page - Anachip Corp AP1202LS Datasheet HTML 6Page - Anachip Corp AP1202LS Datasheet HTML 7Page - Anachip Corp AP1202LS Datasheet HTML 8Page - Anachip Corp AP1202LS Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP1202
Dual USB High-Side Power Switch
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.4 Feb.10, 2004
1/11
Features
- Compliant to USB specifications
- Dual independent switches control
- 2.7V to 5.5V input voltage
- 500mA minimum continuous current per port
- 110mΩ typical on-resistance
- 0.75A maximum short circuit current limit
- Independent open-drain fault flag pins
- 110μA typical on-state supply current
- 1μA typical off-state supply current
- Output can be forced higher than input (off-state)
- Thermal shutdown
- 2.4V typical under voltage lockout (UVLO)
- 1ms turn-on (soft-start) and fast turn-off
- Enable active-high (H) or active-low (L)
- 8-pin SOP and PDIP packages
Applications
•
USB hubs
•
Hot plug-in power supplies
•
Battery-charger circuits
General Description
The AP1202 series are dual integrated high-side
power switch with independent enable and flag
functions,
optimized
for
self-powered
and
bus-powered
Universal
Serial
Bus
(USB)
applications. The AP1202 series support the
following USB requirements: each switch channel
supplies up to 500mA as required by USB
downstream devices; the switch’s low on-resistance
meets USB voltage drop requirements; fault current
is limited to typically 650mA, well below the UL
25VA safety requirements; and a flag output is
available to indicate fault conditions to the local
USB controller. Soft start eliminates the momentary
voltage drop on the upstream port that may occur
when the switch is enabled in bus-powered
applications.
Additional features include thermal shutdown to
prevent catastrophic switch failure from high-current
loads, under voltage lockout (UVLO) to ensure that
the device remains off unless there is a valid input
voltage present, and 3.3V and 5V logic compatible
enable inputs.
Pin Assignments
EN1
EN2
FLG1
FLG2
1
2
3
4
8
7
6
5 OUT2
OUT1
GND
IN
PDIP/SOP
AP1202
(Top View)
Pin Descriptions
Name
Description
EN1
EN2
Enable: Logic-compatible enable
input. ( H: active high, L: active low).
Do not float.
FLG1
FLG2
Fault Flag: Active-low, open-drain
output. Indicates over current,
UVLO, and thermal shutdown.
GND
Supply return.
IN
Supply Input: Output MOSFET drain.
Also supplies IC’s internal circuitry.
Connect to positive supply.
OUT1
OUT2
Switch Output: Output MOSFET
source. Typically connect to
switched side of load.


Similar Part No. - AP1202LS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1203AGMT-HF A-POWER-AP1203AGMT-HF Datasheet
159Kb / 5P
Simple Drive Requirement, RoHS Compliant
AP1203GMA A-POWER-AP1203GMA Datasheet
60Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP1206-1 ETC-AP1206-1 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
logo
Teledyne Technologies I...
AP1207 TELEDYNE-AP1207 Datasheet
167Kb / 2P
10 TO 1200 MHz SMTO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AP1209-1 ETC-AP1209-1 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
More results

Similar Description - AP1202LS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
Dual USB High-Side Power Switch
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076B UTC-US2076B Datasheet
224Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com