Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5323GDWR20 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5323GDWR20
Description  Three-Phase Buck Controller with 5-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5323GDWR20 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5323GDWR20 Datasheet HTML 1Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 2Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 3Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 4Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 5Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 6Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 7Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 8Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS5323
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (0
°C < TA < 70°C; 0°C < TJ < 85°C; 4.7 V < VCC < 14 V; CGATE = 100 pF,
RR(OSC) = 53.6 k, CCOMP = 0.1 µF, CREF = 0.1µF, DAC Code 10000, CVCC = 0.1 µF, ILIM ≥ 1.0 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Voltage Feedback Error Amplifier
VFB Bias Current (Note 2)
0.9 V < VFB < 1.9 V
17.6
19.0
20.6
µA
COMP Source Current
COMP = 0.5 V to 2.0 V; VFB = 1.8 V; DAC = 00000
15
30
60
µA
COMP Sink Current
COMP = 0.5 V to 2.0 V; VFB = 1.9 V; DAC = 00000
15
30
60
µA
COMP Discharge Threshold Voltage
–
0.20
0.27
0.34
V
Transconductance
–10
µA < ICOMP < +10 µA
–
32
–
mmho
Output Impedance
–
–
2.5
–
M
Ω
Open Loop DC Gain
Note 3
60
90
–
dB
Unity Gain Bandwidth
0.01
µF
–
400
–
kHz
PSRR @ 1 kHz
–
–
70
–
dB
COMP Max Voltage
VFB = 1.8 V; COMP Open; DAC = 00000
2.4
2.7
–
V
COMP Min Voltage
VFB = 1.9 V; COMP Open; DAC = 00000
–
0.1
0.2
V
Hiccup Latch Discharge Current
–
2.0
5.0
10
µA
COMP Discharge Ratio
–
4.0
6.0
10
–
PWM Comparators
Minimum Pulse Width
Measured from CSx to GATE(H) with 60 mV step
between CSx and CSREF
–
350
500
ns
Channel Start Up Offset
V(CS1) = V(CS2) = V(CS3) = V(VFB)
V(CSREF) = 0 V; Measure V(COMP) when
GATE (H) 1, 2 switch high
0.3
0.4
0.5
V
GATEs
High Voltage
Measure VCC – GATEx, IGATEx = 1.0 mA
–
1.2
2.1
V
Low Voltage
Measure GATEx, IGATEx = 1.0 mA
–
0.25
0.50
V
Rise Time GATE
1.0 V < GATE < 8.0 V; VCC = 10 V
–
30
60
ns
Fall Time GATE
8.0 V > GATE > 1.0 V; VCC = 10 V
–
30
60
ns
Oscillator
Switching Frequency
ROSC = 53.6 k
220
250
280
kHz
Switching Frequency
Note 3 ROSC = 32.4 k
300
400
500
kHz
Switching Frequency
Note 3 ROSC = 16.2 k
600
800
1000
kHz
ROSC Voltage
–
–
1.00
–
V
Phase Delay
Rising edge only
105
120
135
deg
Adaptive Voltage Positioning
VDRP Offset
CS1 = CS2 = CS3 = CSREF, VFB = COMP
Measure VDRP – COMP
–20
–
20
mV
Maximum VDRP Voltage
|(CS1 = CS2 = CS3) – CREF| = 50 mV,
VFB = COMP, Measure VDRP – COMP
360
465
570
mV
Current Share Amp to VDRP Gain
–
2.7
3.0
3.5
V/V
2. The VFB Bias Current changes with the value of ROSC per Figure 4.
3. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com