Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5323GDWR20 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5323GDWR20
Description  Three-Phase Buck Controller with 5-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5323GDWR20 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5323GDWR20 Datasheet HTML 1Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 2Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 3Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 4Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 5Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 6Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 7Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 8Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CS5323
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature
150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range
–65 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
MAXIMUM RATINGS
Pin Number
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
1
ROSC
6.0 V
–0.3 V
1.0 mA
1.0 mA
2
COMP
6.0 V
–0.3 V
1.0 mA
1.0 mA
3
VFB
6.0 V
–0.3 V
1.0 mA
1.0 mA
4
VDRP
6.0 V
–0.3 V
1.0 mA
1.0 mA
5–7
CS1–CS3
6.0 V
–0.3 V
1.0 mA
1.0 mA
8
CSREF
6.0 V
–0.3 V
1.0 mA
1.0 mA
9
ILIM
6.0 V
–0.3 V
1.0 mA
1.0 mA
10
REF
6.0 V
–0.3 V
1.0 mA
50 mA
11–15
VID0–4
6.0 V
–0.3 V
1.0 mA
1.0 mA
16
Gnd
0 V
0 V
0.4 A, 1.0
µs, 100 mA
DC
N/A
17–19
GATE 1–3
16 V
–0.3 V
0.1 A, 1.0
µs, 25 mA DC
0.1 A, 1.0
µs, 25 mA DC
20
VCC
16 V
–0.3 V
N/A
0.4 A, 1.0
µs, 100 mA
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com