Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5323GDWR20 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5323GDWR20
Description  Three-Phase Buck Controller with 5-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5323GDWR20 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5323GDWR20 Datasheet HTML 2Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 3Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 4Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 5Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 6Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 7Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 8Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 9Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CS5323
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (0
°C < TA < 70°C; 0°C < TJ < 85°C; 4.7 V < VCC < 14 V; CGATE = 100 pF,
RR(OSC) = 53.6 k, CCOMP = 0.1 µF, CREF = 0.1µF, DAC Code 10000, CVCC = 0.1 µF, ILIM ≥ 1.0 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Current Sensing and Sharing
CS1–CS3 Input Bias Current
V(CSx) = V(CSREF) = 0 V
–
0.2
2.0
µA
CSREF Input Bias Current
–
–
0.6
2.0
µA
Current Sense Amplifier Gain
–
3.7
4.2
4.7
V/V
Current Sense Amp Mismatch
(The sum of gain and offset errors)
0 < (CSx – CSREF) < 50 mV
–5.0
–
5.0
mV
Current Sense Amplifiers Input
Common Mode Range Limit
Note 4
0
–
VCC – 2
V
Current Sense Input to ILIM Gain
0.25 V < 1.20 V
5.0
6.5
8.0
V/V
Current Limit Filter Slew Rate
Note 4
7.5
15
40
mV/
µs
ILIM Bias Current
0 < ILIM < 1.0 V
–
0.1
1.0
µA
Single Phase Pulse by Pulse
Current Limit: V(CSx) –
V(CSREF)
–
75
105
115
mV
Current Share Amplifier Bandwidth
Note 4
1.0
–
–
mHz
Reference Output
VREF Output Voltage
0 mA < I(VREF) < 1.0 mA
3.2
3.3
3.4
V
General Electrical Specifications
VCC Operating Current
VFB = COMP(no switching)
–
23
28
mA
VCC Start Threshold
GATEs switching, COMP charging
4.05
4.60
4.70
V
VCC Stop Threshold
GATEs stop switching, COMP discharging
3.75
4.4
4.65
V
VCC Hysteresis
GATEs not switching, COMP not charging
100
200
300
mV
4. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com