Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB772-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SB772-R
Description  PNP Silicon Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SB772-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SB772-R_13 Datasheet HTML 1Page - Micro Commercial Components 2SB772-R_13 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SB772
-R
PNP Silicon
Plastic-Encapsulate
Transistor
Features
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V (BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
30
---
Vdc
V (BR)CBO
Collector-Base Breakdown Voltage
(I C=100uAdc, IE=0)
40
---
Vdc
V (BR)EBO
Emitter-Base Breakdown Voltage
(I E=100uAdc, IC=0)
5.0
---
Vdc
I CBO
Collector Cutoff Current
(V CB=40Vdc, IE=0)
---
1.0
uAdc
ICEO
Collector Cutoff Current
(V CE=30Vdc, IB=0)
---
1.0
uAdc
IEBO
Emitter Cutoff Current
(V EB=6.0Vdc, IC=0)
---
1.0
uAdc
ON CHARACTERISTICS
h FE(1)
DC Current Gain
(IC=1.0Adc, VCE=2.0Vdc)
60
400
---
h FE(2)
DC Current Gain
(IC=100mAdc, VCE=2.0Vdc)
32
---
---
V CE(sat)
Collector-Emitter Saturation Voltage
(I C=2.0Adc, IB=0.2Adc)
---
0.5
Vdc
V BE(sat)
Base-Emitter Saturation Voltage
(I C=2.0Adc, IB=0.2Adc)
---
2.0
Vdc
SMALL-SIGNAL CHARACTERISTICS
f T
Transistor Frequency
(I C=0.1Adc, VCE=5.0Vdc, f=10MHz)
50
---
MHz
CLASSIFICATION OF HFE (1)
Rank
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 2





 

 


0.291
0.307

7.40
7.80

0.417
0.433
10.60
11.00

0.602
0.618
15.30
15.70

4
1
3.90
4.10

0.118
0.126
3.00
3.20

0.026
0.034
0.66
0.86

0.046
0.054
1.17
1.37

0.090TYP
2.290TYP

0.098
0.114
2.50
2.90
D
B
N
A
C
E
F
G
Q
K
M
N
0.043
0.059
1.10
1.50
Q
0.018
0.024
0.45
0.60
L
J
PIN 1.
EMITTER
PIN 2.
COLLECTOR
PIN 3.
BASE
1
2
3
L
0.083
0.091
2.10
2.30
M
0.000
0.012
0.00
0.30





DIMENSIONS
2SB772
-O
2SB772
-Y
2SB772
-GR
Lead Free Finish/RoHS Compliant (Note1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Capable of 1.25Watts of Power Dissipation.
Collector-current 3.0A
Collector-base Voltage 40V
Operating and storage junction temperature range: -55
OC to +150OC
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - 2SB772-R_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB772-R MCC-2SB772-R Datasheet
298Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
logo
Guangdong Kexin Industr...
2SB772-R KEXIN-2SB772-R Datasheet
919Kb / 3P
PNP Transistors
logo
DONGGUAN YOU FENG WEI E...
2SB772-R YFWDIODE-2SB772-R Datasheet
706Kb / 4P
PNP Transistors
More results

Similar Description - 2SB772-R_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1015-O MCC-2SA1015-O Datasheet
84Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA1015-O MCC-2SA1015-O_11 Datasheet
390Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
2SA1162-O MCC-2SA1162-O Datasheet
199Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SB772-R MCC-2SB772-R Datasheet
298Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
BD772-R MCC-BD772-R Datasheet
383Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
BF421 MCC-BF421 Datasheet
224Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMSS8550-L MCC-MMSS8550-L_13 Datasheet
164Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA733-R MCC-2SA733-R_16 Datasheet
411Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9012-L MCC-MMS9012-L_13 Datasheet
161Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9015-L MCC-MMS9015-L_13 Datasheet
344Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com