Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVA-R5-13A Datasheet(PDF) 2 Page - Mini-Circuits

Part # TVA-R5-13A
Description  RF Instrument Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TVA-R5-13A Datasheet(HTML) 2 Page - Mini-Circuits

  TVA-R5-13A Datasheet HTML 1Page - Mini-Circuits TVA-R5-13A Datasheet HTML 2Page - Mini-Circuits TVA-R5-13A Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
RF Instrument Amplifier
Coaxial
TVA-R5-13A+
50Ω
0.50 to 1000 MHz
REV. A
M153640
ED15032404
TVA-R5-13A+
151103
Parameter
Condition (MHz)
Min
Typ.
Max.
Units
Frequency Range
0.50
—
1000
MHz
Gain
0.50 - 1000
34
38
—
dB
Gain Flatness
0.50 - 1000
—
±1.4
±2.2
dB
Output Power at 1dB compression
0.50 - 1000
+31
+34
—
dBm
Noise Figure
0.50 - 1000
—
10
—
dB
Output third order intercept point
0.50 - 1000
—
+42
—
dBm
Input VSWR
0.50 - 1000
—
1.5
—
:1
Output VSWR
0.50 - 1000
—
2.5
—
:1
AC Supply
47 - 63 Hz
85
110/220
265
V
CASE STYLE: PJ2059-2
Features
• Instrument model with built-in power supply, 110V/220V operation
• High output power, 34dBm typ.
• High Gain, 38 dB typ.
• High reverse isolation, 80 dB typ.
• 100% burn-in at +25°C, 48 hrs
• Thermally self-protected, LED indicator
• Protected by US Patent 5,101,171
•
marked
Applications
• Lab use
• Wideband test instrumentation
Open load is not recommended, potentially can cause damage. With no load derate max input power by 20 dB
Note: Keep area adjacent to the airvents clear to allow free air flow.
Electrical Specifications at 25°C, unless otherwise noted
Outline Drawing
Outline Dimensions (
)
inch
mm
Maximum Ratings
Parameter
Ratings
Operating Temperature
0°C to 55°C
Storage Temperature
-40°C to 70°C
Input RF Power (no damage)
+7 dBm
Permanent damage may occur if any of these limits are exceeded.
POWER
TEMP
FAN
XX-XXXX MHz
T
U
O
F
R
N
I
F
R
110/115 : 50/60 Hz
~ LINE
230/245 : 50/60 Hz
Mini-Circuits
R
CC
A
B
C
D
WT.
15.35
8.27
3.25
3.09
GRAM
389.89
210.06
82.55
78.49
3870
Connectors
Model
N-Type
TVA-R5-13A+
N Male - SMA Female Adapter NM-SF50+
(2 Included)
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com