Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVA-R5-13A Datasheet(PDF) 1 Page - Mini-Circuits

Part # TVA-R5-13A
Description  RF Instrument Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TVA-R5-13A Datasheet(HTML) 1 Page - Mini-Circuits

  TVA-R5-13A Datasheet HTML 1Page - Mini-Circuits TVA-R5-13A Datasheet HTML 2Page - Mini-Circuits TVA-R5-13A Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
Product Overview
Mini-Circuits’ TVA-R5-13A+ instrument amplifier provides high output power and high gain across the 0.50 to1000 MHz
frequency range, covering popular communications bands including AM, FM, TV, cellular and more. The amplifier features
a built-in 110/220V power supply, making it easy to use in most lab environments. This model features thermal self-
protection, preventing damage to the amplifier and providing added reliability. It comes housed in a light-weight aluminum
alloy case (15.35 x 8.27 x 3.25”) ideal for bench-top use with N-Type connectors. 2 N-male to SMA-female adapters come
included for the user’s convenience.
Feature
Advantages
High output power, +34 dBm at 1 dB com-
pression
Supports high power test applications such as EMI, maximum power handling, and reliability testing.
High gain, 38 dB
38 dB gain allows the TVA-R5-13A+ to be driven to full output power with most commercially available
signal generators.
High reverse isolation, 80 dB
Protects signal sources from load, preventing potential damage and performance variation due to load
pulling.
Built-in 110V/220V power supply
Operating from a standard AC line power supply, the TVA-R5-13A+ can be powered from 110 to 220V,
making the amplifier versatile for use in most lab environments.
Thermally-self-protected
A built-in sensing feature signals the unit to power off when the amplifier reaches its maximum rated
operating temperature, preventing damage to the equipment and providing added reliability.
marked
Meets conformity standards for sale within the European Economic Area (EEA).
TVA-R5-13A+
The Big Deal
• High output power, +34 dBm
• High Gain, 38 dB
• High reverse isolation, 80 dB
• Built-in 110V/220V AC power supply
• Thermally self-protected
• 100% burn-in at +25˚C, 48 hrs.
50Ω
0.50 to 1000 MHz
RF Instrument Amplifier
Coaxial
CASE STYLE: PJ2059-2


Similar Part No. - TVA-R5-13A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TVA-11-422A MINI-TVA-11-422A Datasheet
260Kb / 3P
RF Instrument Amplifier
TVA-11-422A+ MINI-TVA-11-422A+ Datasheet
260Kb / 3P
RF Instrument Amplifier
TVA-4W-422A MINI-TVA-4W-422A Datasheet
245Kb / 3P
RF Instrument Amplifier
TVA-4W-422A+ MINI-TVA-4W-422A+ Datasheet
245Kb / 3P
RF Instrument Amplifier
TVA-63-183 MINI-TVA-63-183 Datasheet
333Kb / 2P
RF Instrument Amplifier
More results

Similar Description - TVA-R5-13A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3220 TOSHIBA-TLP3220 Datasheet
286Kb / 7P
Measurement Instrument
TLP206A TOSHIBA-TLP206A_07 Datasheet
176Kb / 6P
Measurement Instrument
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
Measurement Instrument
logo
Frequency Devices, Inc.
960 FREQUENCYDEVICES-960 Datasheet
363Kb / 5P
Wideband High-Gain Amplifier Instrument
logo
Mini-Circuits
TVA-4W-422A MINI-TVA-4W-422A Datasheet
245Kb / 3P
RF Instrument Amplifier
TVA-11-422A MINI-TVA-11-422A Datasheet
260Kb / 3P
RF Instrument Amplifier
TVA-63-183 MINI-TVA-63-183 Datasheet
333Kb / 2P
RF Instrument Amplifier
TVA-63-183A MINI-TVA-63-183A Datasheet
195Kb / 2P
RF Instrument Amplifier
TVA-82-213A MINI-TVA-82-213A Datasheet
195Kb / 2P
RF Instrument Amplifier
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
Measuring instrument
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com