Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVA-R5-13A Datasheet(PDF) 3 Page - Mini-Circuits

Part # TVA-R5-13A
Description  RF Instrument Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TVA-R5-13A Datasheet(HTML) 3 Page - Mini-Circuits

  TVA-R5-13A Datasheet HTML 1Page - Mini-Circuits TVA-R5-13A Datasheet HTML 2Page - Mini-Circuits TVA-R5-13A Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 3
TVA-R5-13A+
FREQUENCY
(MHz)
GAIN
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
NOISE
FIGURE
(dB)
POUT
at 1 dB
COMPR.
(dBm)
IP3
(dBm)
IN
OUT
0.5
38.79
53.12
1.15
2.69
—
35.77
49.02
10
39.88
71.43
1.02
2.54
9.78
36.82
52.79
20
39.88
74.56
1.05
2.56
9.35
36.65
52.88
40
39.87
60.97
1.10
2.65
9.46
36.80
52.49
60
39.87
68.71
1.15
2.80
9.38
36.85
51.79
100
39.80
68.58
1.24
2.86
9.29
37.01
50.06
200
38.51
60.84
1.40
1.29
9.35
35.84
45.48
300
39.25
55.46
1.54
1.74
9.45
35.54
44.69
400
37.98
71.07
1.66
1.79
9.44
34.48
44.12
500
38.46
63.06
1.63
1.57
9.40
34.15
43.85
600
40.40
55.79
1.48
1.41
9.57
35.46
44.49
700
38.63
57.61
1.28
1.65
9.56
34.72
43.61
800
38.69
54.17
1.20
2.07
9.68
34.49
43.11
900
38.75
43.15
1.31
2.35
9.70
33.26
42.92
1000
39.55
45.14
1.39
1.91
9.78
34.98
45.04
1.0
1.5
2.0
2.5
3.0
0
200
400
600
800
1000
FREQUENCY (MHz)
TVA-R5-13A+
VSWR
IN
OUT
40
50
60
70
80
0
200
400
600
800
1000
FREQUENCY (MHz)
TVA-R5-13A+
DIRECTIVITY
37
38
39
40
41
0
200
400
600
800
1000
FREQUENCY (MHz)
TVA-R5-13A+
GAIN
32
34
36
38
40
0
200
400
600
800
1000
FREQUENCY (MHz)
TVA-R5-13A+
OUTPUT POWER
1dB COMPR
9.0
9.2
9.4
9.6
9.8
10.0
0
200
400
600
800
1000
FREQUENCY (MHz)
TVA-R5-13A+
NOISE FIGURE
40
44
48
52
56
0
200
400
600
800
1000
FREQUENCY (MHz)
TVA-R5-13A+
IP3
Typical Performance Data/Curves



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com