Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI85 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RI85
Description  High Voltage Power Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI85 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RI85 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 1/5
Product Introduction
Features :
 Max Working Voltage from 50KV to 100KV.
 Temperature Coefficient ≤ 100 ppm/℃.
 Resistance Range from 100KΩ to 1TeraΩ.
 Resistance Tolerance K(±10%), M(±20%).
 Rated Wattage from 200W to 800W.
Applications :
 X-ray/imaging equipment,
 EMI/lightning supression, Energy research,
 Pulse modulators, Radar Pulse-forming networks,
 Impulse voltage generators, Arc furnace damping,
 Capacitor crowbar circuits, High voltage snubber
circuits.
Token Electronics RI85 series has been developed to provide
design engineers with high quality, high power, and high voltage
dividers for use in sophisticated system.
The RI85 resistors use Token's proprietary thick film metal glaze
resistive element and Serpentine Pattern Design which provides
ideal cost efficient, stability, high power and high voltage
characteristics for a wide range of measurement, voltage divider
circuits, and control functions in high voltage power electronics
applications.
Token RI85 Voltage Power Resistors are able to absorb large
amounts of energy at high voltage while remaining non-inductive and heavy load characteristics. RI85
Resistors conform to the RoHS directives and Lead-free. Customed design, low TCR, resistance values,
and tighter tolerances are available on request.
The RI85 non-inductive metal glazed resistors are manufactured on proceeding of tube designed with
tab terminal, thick-film printing, firing and laser trimming.
By utilizing specific ceramic core materials with optimum processing, Token are able to control, very
tightly in manufacturing, the important ultra-stable performance parameters TCR less than 100 ppm/℃.
Voltage handles up to 100 KV and Wattage available 200W to 800W. This unique process is also
offered in specific resistance values in a wide variety of sizes and terminations. The extraordinary
operating stability of the Type RI85 resistors will improve the performance of your high voltage
system.
The RI85 Power Voltage Series is RoHS compliant and lead free. For customed designs, tighter
tolerances, non-standard technical requirements, or custom special applications, please contact us, or
link to Token official website "High Voltage Resistors" to get more information.
Token High Voltage Resistors (RI85)
Break Through 800 Wattage in High Power Applications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com