Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI85 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # RI85
Description  High Voltage Power Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI85 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  RI85 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 3/5
Derating Curve
Power Derating Curve (RI85)
(RI85) Power Derating Curve
Performance Specifications
Performance Specifications (RI85)
Test Item
Test Methods
Characteristics
Moisture resistance
MIL Std. 202, method 106 (IEC68-2-3)
ΔR/R≤±0.1% typ., 0.25% Max.
Insulation resistance
500V 25℃ 75% relative humidity
10GΩ Min.
Dielectric strength
25℃ 75% relative humidity
1000V Min.
Overload
1.5×Pnom. 5 sec (do not exceed max. voltage)
ΔR/R≤±0.1% typ., 0.25% Max.
Thermal shock
MIL Std. 202, method 107 Cond. C (IEC68-2-14) ΔR/R≤±0.1% typ., 0.2% Max.
Load life
1000h at rated power (IEC115-1)
ΔR/R≤±0.1% typ., 0.25% Max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com