Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI85 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RI85
Description  High Voltage Power Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI85 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RI85 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 2/5
Dimensions & Specification
Dimensions & Specification (RI85) (Unit: mm)
Type
Power
Rating
Resistance
Value
(Ω)
Resistance
Tolerance
Temperature
Coefficient
(PPM/℃)
Dimensions (Unit: mm)
Max
working
voltage
ΦD±2 Φd±2
L1±5
L2±5
T±1
RI85
200W
100K~100G
10% (K)
20% (M)
≤100
28
15
185
200
10.5
50KV
RI85
500W
100K~500G
≤100
34
20
205
220
15
50KV
RI85
800W
100K~1T
≤100
55
40
205
220
15
100KV
Tubular High Voltage Ceramic Resistors (RI85) Dimensions
Remark: Rated Continuous Working Voltage (RCWV) shall be determined from RCWV = square root (power rating ×
resistance value) or Max Working Voltage listed above, whichever less.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com