Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS104F680MTRF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # NPIS104F680MTRF
Description  The evaluation board does not have reverse supply protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NPIS104F680MTRF Datasheet(HTML) 4 Page - Diodes Incorporated

  NPIS104F680MTRF Datasheet HTML 1Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 2Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 3Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 4Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 5Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 6Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 7Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AL8807AEV3
Issue 2 – October 2012
www.diodes.com
© Diodes Incorporated 2012
4
AL8807A Operation
In normal operation, when a voltage is applied at +Vin, the AL8807A internal NDMOS switch is turned
on. Current starts to flow through sense resistor R1, inductor L1, and the LED. The current ramps up
linearly, the ramp rate being determined by the input voltage +Vin and the inductor L1. This rising
current produces a voltage ramp across R1. The internal circuit of the AL8807A senses the voltage
across R1 and applies a proportional voltage to the input of the internal comparator. When this
voltage reaches an internally set upper threshold, the NDMOS switch is turned off. The inductor
current continues to flow through R1, L1, the LED and the Schottky diode D1, and back to the supply
rail, but it decays, with the rate of decay determined by the forward voltage drop of the LEDs and the
Schottky diode. This decaying current produces a falling voltage at R1, which is sensed by the
AL8807A. A voltage proportional to the sense voltage across R1 is applied at the input of the internal
comparator. When this voltage falls to the internally set lower threshold, the NDMOS switch is turned
on again. This switch-on-and-off cycle continues to provide the average LED current set by the sense
resistor R1. Please refer to the datasheets for the threshold limits, AL8807A internal circuits, electrical
characteristics and parameters.
AL8807AEV3 Component list
Ref
Value
Package
Part Number
Manufactu
rer
Notes
U1
AL8807A
MSOP
AL8807AMP-13
Diodes
Zetex
DC-DC converter
D1
60V, 2A
DFLS260
Diodes
Zetex
Schottky diode
R1
0R1
1206
Generic
1% 250mW
R2
NOT FITTED
Fit with R1 to
adjust LED
current if
required
R3
1k0
0805
Generic
1% 125mW
C1, C5
4.7uF 50V
1210
C1210X475K5RAC
Generic
KEMET
X7R
C2, C3
100nF, 100V
0805
NMC0805X7R104K100 PF
GRM21BR71H104KA01L
Generic
NIC Comps
MURATA
X7R
C4
1uF 100V
1206
NMC1206X7R104K100
Generic
NIC Comps
X7R
C6, C7,
C8, C9
C12
0805
NOT FITTED
Generic
Fit to improve
EMC
performance if
required
C10, C11
1n5, 100V
0805
Generic
C0G
L1
68uH
MSS1038-683ML
NPIS24H680MTRF
NPIS104F680MTRF
Coilcraft
NIC Comps
Note: The component part numbers are correct at the time of publication. Diodes Inc reserves the
right to substitute other parts where necessary, without further notification.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com