Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS104F680MTRF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # NPIS104F680MTRF
Description  The evaluation board does not have reverse supply protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NPIS104F680MTRF Datasheet(HTML) 1 Page - Diodes Incorporated

  NPIS104F680MTRF Datasheet HTML 1Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 2Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 3Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 4Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 5Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 6Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 7Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 2 – October 2012
www.diodes.com
© Diodes Incorporated, 2012
AL8807AEV3 EVALUATION BOARD USER GUIDE
DESCRIPTION
The AL8807AEV3, Figure 1, is a double sided evaluation board for the AL8807A step-down, or ‘buck’,
LED driver with internal switch. The evaluation board is preset to drive 1A into a single LED, or
multiple LEDs, the maximum number of which depends on their total forward voltage drop and the
supply voltage.
The operating voltage is between 6 and 36 volts, but it must be greater than the voltage drop across
the LED chain. The 68uH inductor used in the circuit is based on this nominal supply. The evaluation
board should be connected as in Figure 1 below.
Note: The evaluation board does not have reverse supply protection.
The nominal output current, 1A, is set with the 0R1 sense resistor, R1.
Terminal CTRL provides a connection point for DC dimming.
Warning: At 36V nominal operation with 1A output, the LED will be hot and very bright
Figure 1: AL8807AEV3 evaluation board and connection diagram
1-8
LEDs
6-36VDC
V
+


Similar Part No. - NPIS104F680MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS104F680MTRF NIC-NPIS104F680MTRF Datasheet
49Kb / 4P
NPIS Shielded Power Inductors
logo
Diodes Incorporated
NPIS104F680MTRF DIODES-NPIS104F680MTRF Datasheet
104Kb / 8P
The evaluation board does not have reverse supply protection.
OCTOBER 2012
NPIS104F680MTRF DIODES-NPIS104F680MTRF Datasheet
197Kb / 8P
The evaluation board does not have reverse supply protection
DECEMBER 2011
More results

Similar Description - NPIS104F680MTRF

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
EN016 XILINX-EN016 Datasheet
70Kb / 3P
The FIFO16 does not correctly generate the ALMOST EMPTY
logo
Wurth Elektronik GmbH &...
784787101 WURTH-784787101 Datasheet
589Kb / 7P
It is recommeded that the temperature of the component does not exceed
logo
Diodes Incorporated
AL8805EV1 DIODES-AL8805EV1 Datasheet
144Kb / 8P
The evaluation board does not have reverse supply protection
AUGUST 2010
AL8807AEV1 DIODES-AL8807AEV1 Datasheet
104Kb / 8P
The evaluation board does not have reverse supply protection.
OCTOBER 2012
AL8807EV1 DIODES-AL8807EV1 Datasheet
185Kb / 8P
The evaluation board does not have reverse supply protection.
OCTOBER 2011
AL8807EV3 DIODES-AL8807EV3 Datasheet
197Kb / 8P
The evaluation board does not have reverse supply protection
DECEMBER 2011
AP8800EV2 DIODES-AP8800EV2 Datasheet
177Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
AP8801EV1 DIODES-AP8801EV1 Datasheet
214Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
AP8801EV2 DIODES-AP8801EV2 Datasheet
177Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
logo
List of Unclassifed Man...
APA102 ETC2-APA102 Datasheet
1Mb / 5P
Intelligent reverse connect protection, the power supply reverse connection does not damage the IC.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com