Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS104F680MTRF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # NPIS104F680MTRF
Description  The evaluation board does not have reverse supply protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NPIS104F680MTRF Datasheet(HTML) 2 Page - Diodes Incorporated

  NPIS104F680MTRF Datasheet HTML 1Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 2Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 3Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 4Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 5Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 6Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 7Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AL8807AEV3
Issue 2 – October 2012
www.diodes.com
© Diodes Incorporated 2012
2
AL8807AEV3 Connection Point Definition
Name
Description
Vin
Positive supply voltage. 6 to 36V
GND
Supply Ground (0V).
CTRL
Internal voltage ref. pin (2.5V). This pin can be used for dimming.
Leave floating for full brightness.
LED A
LED A
connects to the external LED anode
LED K
LED K
connects to the external LED cathode
AL8807A DEVICE DESCRIPTION
The AL8807A is a continuous mode inductive driver in a SOT25 package, for driving one or more
series-connected LEDs efficiently from a voltage source higher than the LED voltage. The device
includes the output switch and a current sense circuit, which requires an external sense resistor to set
the nominal current up to 1A.
AL8807A DEVICE FEATURES
•
Drives one or more series-connected LEDs
•
LEDs up to 1A.
•
Internal 40V switch.
•
Wide input voltage: 6V to 36V.
•
Inherent open circuit LED protection.
•
Brightness control using a DC voltage.
DEVICE APPLICATIONS
•
LED flashlights.
•
High Power LED driving.
•
Low-voltage halogen replacement LEDs.
•
Automotive lighting.
•
Illuminated signs.
AL8807A Device Packages, Pin and Definitions
1
2
3
4
5
6
7
8
GND
CTRL
GND
N.C.
SET
VIN
SW
SW
Top View
SOT25 package
MSOP8EP package
AL8807A Device Pin Definition
Name
Pin No
Description
SW
1
Drain of NDMOS switch.
GND
2
Ground (0V).
CTRL
3
Internal voltage ref. pin (2.5V) :
•
Leave floating for normal operation.
•
Drive with DC voltage (0.25V to 2.5V) to adjust output current
SET
4
Connect a sense resistor, R1, from the SET pin to VIN to sense the
nominal output current. Nominal Iout = 0.1/ R1
VIN
5
Input voltage: 6V to 36V. Decouple to ground with a 2.2uF or higher
ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com