Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYW43340 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CYW43340
Description  Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43340 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CYW43340 Datasheet HTML 35Page - Cypress Semiconductor CYW43340 Datasheet HTML 36Page - Cypress Semiconductor CYW43340 Datasheet HTML 37Page - Cypress Semiconductor CYW43340 Datasheet HTML 38Page - Cypress Semiconductor CYW43340 Datasheet HTML 39Page - Cypress Semiconductor CYW43340 Datasheet HTML 40Page - Cypress Semiconductor CYW43340 Datasheet HTML 41Page - Cypress Semiconductor CYW43340 Datasheet HTML 42Page - Cypress Semiconductor CYW43340 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
Document Number: 002-14943 Rev. *L
Page 39 of 96
PRELIMINARY
CYW43340
10. Wireless LAN MAC and PHY
10.1 MAC Features
The CYW43340 WLAN media access controller (MAC) supports features specified in the IEEE 802.11 base standard, and amended
by IEEE 802.11n. The salient features are listed below:
■ Transmission and reception of aggregated MPDUs (A-MPDU)
■ Support for power management schemes, including WMM power-save, power-save multi-poll (PSMP) and multiphase PSMP
operation
■ Support for immediate ACK and Block-ACK policies
■ Interframe space timing support, including RIFS
■ Support for RTS/CTS and CTS-to-self frame sequences for protecting frame exchanges
■ Back-off counters in hardware for supporting multiple priorities as specified in the WMM specification
■ Timing synchronization function (TSF), network allocation vector (NAV) maintenance, and target beacon transmission time (TBTT)
generation in hardware
■ Hardware offload for AES-CCMP, legacy WEP ciphers, WAPI, and support for key management
■ Support for coexistence with Bluetooth and other external radios
■ Programmable independent basic service set (IBSS) or infrastructure basic service set functionality
■ Statistics counters for MIB support
10.1.1 MAC Description
The CYW43340 WLAN MAC is designed to support high-throughput operation with low-power consumption. It does so without
compromising the Bluetooth coexistence policies, thereby enabling optimal performance over both networks. In addition, several
power saving modes have been implemented that allow the MAC to consume very little power while maintaining network-wide timing
synchronization. The architecture diagram of the MAC is shown in Figure 24 on page 40.
The following sections provide an overview of the important modules in the MAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com