Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYW43340 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYW43340
Description  Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43340 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYW43340 Datasheet HTML 9Page - Cypress Semiconductor CYW43340 Datasheet HTML 10Page - Cypress Semiconductor CYW43340 Datasheet HTML 11Page - Cypress Semiconductor CYW43340 Datasheet HTML 12Page - Cypress Semiconductor CYW43340 Datasheet HTML 13Page - Cypress Semiconductor CYW43340 Datasheet HTML 14Page - Cypress Semiconductor CYW43340 Datasheet HTML 15Page - Cypress Semiconductor CYW43340 Datasheet HTML 16Page - Cypress Semiconductor CYW43340 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
Document Number: 002-14943 Rev. *L
Page 13 of 96
PRELIMINARY
CYW43340
3.3 Frequency Selection
Any frequency within the ranges specified for the crystal and TCXO reference may be used. These include not only the standard
handset reference frequencies of 19.2, 19.44, 19.68, 19.8, 20, 26, 37.4, and 52 MHz, but also other frequencies in this range, with
approximately 80 Hz resolution. The CYW43340 must have the reference frequency set correctly in order for any of the UART or PCM
interfaces to function correctly, since all bit timing is derived from the reference frequency.
Note: The fractional-N synthesizer can support many reference frequencies. However, frequencies other than the default
require support to be added in the driver plus additional, extensive system testing. Contact Cypress for further details.
The reference frequency for the CYW43340 may be set in the following ways:
■ Set the xtalfreq=xxxxx parameter in the nvram.txt file (used to load the driver) to correctly match the crystal frequency.
■ Auto-detect any of the standard handset reference frequencies using an external LPO clock.
For applications such as handsets and portable smart communication devices, where the reference frequency is one of the standard
frequencies commonly used, the CYW43340 automatically detects the reference frequency and programs itself to the correct
reference frequency. In order for auto frequency detection to work correctly, the CYW43340 must have a valid and stable 32.768 kHz
LPO clock that meets the requirements listed in Table 4 on page 14 and is present during power-on reset.
Frequency tolerance over
the lifetime of the
equipment, including
temperature
Without trimming
–20
–
20
–20
–
20
ppm
Duty cycle
37.4 MHz clock
–––40
50
60
%
Phase Noise
(802.11b/g)
37.4 MHz clock at 10 kHz offset
––––––131
dBc/Hz
37.4 MHz clock at 100 kHz or greater
offset
––––––138
dBc/Hz
Phase Noise
(802.11a)
37.4 MHz clock at 10 kHz offset
––––––139
dBc/Hz
37.4 MHz clock at 100 kHz or greater
offset
––––––146
dBc/Hz
Phase Noise
(802.11n, 2.4 GHz)
37.4 MHz clock at 10 kHz offset
––––––136
dBc/Hz
37.4 MHz clock at 100 kHz or greater
offset
––––––143
dBc/Hz
Phase Noise
(802.11n, 5 GHz)
37.4 MHz clock at 10 kHz offset
––––––144
dBc/Hz
37.4 MHz clock at 100 kHz or greater
offset
––––––151
dBc/Hz
a. (Crystal) Use WRF_XTAL_OP and WRF_XTAL_ON, internal power to pin WRF_XTAL_VDD1P2.
b. (TCXO) See “TCXO” on page 11 for alternative connection methods.
c. For a clock reference other than 37.4 MHz, 20 × log10(f/ 37.4) dB should be added to the limits, where f = the reference clock frequency in MHz.
d. BT_TM6 should be tied low for a 52 MHz clock reference. For other frequencies, BT_TM6 should be tied high. Note that 52 MHz is not an auto-detected
frequency using the LPO clock.
e. The frequency step size is approximately 80 Hz resolution.
f. The crystal should be capable of handling a 200uW drive level from the CYW43340.
Table 3. Crystal Oscillator and External Clock – Requirements and Performance (Cont.)
Parameter
Conditions/Notes
Crystala
External Frequency
Referenceb,c
Min
Typ
Max
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com